Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 84 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 84 Page - ams AG

Back Button AS3715 Datasheet HTML 80Page - ams AG AS3715 Datasheet HTML 81Page - ams AG AS3715 Datasheet HTML 82Page - ams AG AS3715 Datasheet HTML 83Page - ams AG AS3715 Datasheet HTML 84Page - ams AG AS3715 Datasheet HTML 85Page - ams AG AS3715 Datasheet HTML 86Page - ams AG AS3715 Datasheet HTML 87Page - ams AG AS3715 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 160 page
background image
Page 84
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3 715 − Register Description
8dh
T4_T3_hyst
T4_hyst<7:4>
T3_hyst<3:0>
8eh
LockRegister
-
charger_lock
reg_lock<1:0>
90h
ASIC_ID1
ID1<7:0>
91h
ASIC_ID2
-
revision<3:0>
a7h
Fuse7
del_time
unique_id
sequ_on
-
-
a8h
Fuse8
sd3_slave
sd3_fsel
sd2_fsel
sd2_slave
sd4_fast
sd3_fast
sd2_fast
sd1_fast
a9h
Fuse9
auto_off
chg_pwr_off_en
res_timer<5:4>
ResVoltRise<3:1>
i2c_deva_
bit1
aah
Fuse10
usb2_current<7:4>
usb_current<3:0>
abh
Fuse11
power_off_at_
vsuplow
ovprot_dis
on_reset_delay
onkey_lpress_
reset
dcdc_chmode
SupResEn
gpio12_in_en
dis_bypass
ach
Fuse12
Reg4_gpio_sel<7:6>
Reg3_gpio_sel<5:4>
Reg2_gpio_sel<3:2>
Reg1_gpio_sel<1:0>
adh
Fuse13
Reg2_select<7:4>
Reg1_select<3:0>
aeh
Fuse14
reg1_V<7:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com