Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 11 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 11 Page - ams AG

Back Button AS3715 Datasheet HTML 7Page - ams AG AS3715 Datasheet HTML 8Page - ams AG AS3715 Datasheet HTML 9Page - ams AG AS3715 Datasheet HTML 10Page - ams AG AS3715 Datasheet HTML 11Page - ams AG AS3715 Datasheet HTML 12Page - ams AG AS3715 Datasheet HTML 13Page - ams AG AS3715 Datasheet HTML 14Page - ams AG AS3715 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
ams Datasheet, Confidential
Page 11
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
AS3715 Electrical Characteristics
Electrical Characteristics: VSUPx=+2.7V...+5.5V, TA =-40ºC...+85ºC. Typical values are at VSUPx=+3.6V, TA=+25ºC,
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VUSB
Charger HV input
0
5
30
V
CHGINx
Charger input
0
5
5.5
V
VIBAT, VEBAT
Battery Voltage
2.5
3.6
5.5
V
VSUPx
Supply Voltage
2.5
3.6
5.5
V
VINLDO123
Supply Voltage for LDO1, 2 & 3
2.7
3.6
5.5
V
VINLDO456
Supply Voltage for LDO4, 5 & 6
1.7
3.6
5.5
V
VINLDO78
Supply Voltage for LDO7 & 8
1.7
3.6
5.5
V
V2_5
Voltage on Pin V2_5
2.4
2.5
2.6
V
Ilow_power
Low Power current
@ VSUPx = 4.2V
220
μA
Ipower_off
Power-OFF current
All regulators OFF, V2_5
ON, supplied via VIBAT
only
13
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com