Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 17 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 17 Page - ams AG

Back Button AS3715 Datasheet HTML 13Page - ams AG AS3715 Datasheet HTML 14Page - ams AG AS3715 Datasheet HTML 15Page - ams AG AS3715 Datasheet HTML 16Page - ams AG AS3715 Datasheet HTML 17Page - ams AG AS3715 Datasheet HTML 18Page - ams AG AS3715 Datasheet HTML 19Page - ams AG AS3715 Datasheet HTML 20Page - ams AG AS3715 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 160 page
background image
ams Datasheet, Confidential
Page 17
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Fast Regulation Mode
This mode can be used to react faster on sudden load changes
and thus minimize the over-/undershoot of the output voltage.
This mode needs a bigger output capacitor to guarantee the
stability of the regulator. The mode is enabled by setting
sdX_fast =1.
Selectable Frequency Operation
Especially for very low load conditions, e.g. during a sleep mode
of a processor, the switching frequency can be reduced to
achieve a higher efficiency. The frequency for SD1 can be set to
3 or 4MHz. SD2 and SD3 have a 2, 3 or 4MHz mode. This mode
is selected by setting sdX_freq and sdX_fsel to the appropriate
values.
100% PMOS ON Mode for Low Dropout Regulation
For low input to output voltage difference the DCDC converter
can use 100% duty cycle for the PMOS transistor, which is then
in LDO mode.
Step-Down Converter Configuration Modes
The step down dc/dc converters have two configuration modes
to deliver different output currents for the applications. The
operating mode is selected by setting the bit sd2_slave,
sd3_slave (the default is set by the Boot-OTP)
Parameter
Figure 13:
DC/DC Buck Converter Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUP_SDx
2.7
5.5
V
VOUT
Regulated output voltage
0.6125
3.35
V
VOUT_tol
Output voltage tolerance
min. 30mV
-3
+3
%
ILOAD_SD23
Load current SD2, 3
VSD2, 3 <1.8V
0
1
A
VSD2, 3 >1.8V
0
0.7
A
ILOAD_SD1
Load current SD1
VSD1 <1.8V
0
2
A
VSD1 >1.8V
0
1.2
A
ILIMIT
Current limit
SD2, 3
1.2
A
SD1
2.5
A
RPSW
P-Switch ON resistance
incl. bonds, substrate, etc
SD2, SD3; VSUP_SDx=3.0V
250
500
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com