Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 31 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 31 Page - ams AG

Back Button AS3715 Datasheet HTML 27Page - ams AG AS3715 Datasheet HTML 28Page - ams AG AS3715 Datasheet HTML 29Page - ams AG AS3715 Datasheet HTML 30Page - ams AG AS3715 Datasheet HTML 31Page - ams AG AS3715 Datasheet HTML 32Page - ams AG AS3715 Datasheet HTML 33Page - ams AG AS3715 Datasheet HTML 34Page - ams AG AS3715 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 160 page
background image
ams Datasheet, Confidential
Page 31
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 31:
LDO External Components
LDO External Components: Shows the external component parameter of the linear regulators.
Low Power LDO V2_5 Regulator
Description
The low power LDO V2_5 is needed to supply the chip core
(analog and digital) of the device. It is designed to get the
lowest possible power consumption, and still offering
reasonable regulation characteristics. The regulator has three
supply inputs selecting automatically the higher one. This gives
the possibility to supply the chip core either with the VIBAT,
VEBAT, VSUP or VUSBx depending on the conditions. Bulk switch
comparators are used to avoid any parasitic current flow. To
ensure high PSRR and stability, a low-ESR ceramic capacitor of
min. 0.7μF must be connected to the output.
Parameter
Figure 32:
Low Power LDO Parameter
Low Power LDO Parameter: Shows the key electrical parameter of the low power V2_5 linear regulator.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
COUT_LDO3-8
Output capacitor
Ceramic X5R or X7R
0.7
μF
CVIN_LDO3-8
Input capacitor
Ceramic X5R or X7R
1
μF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage rage
see VIBAT, VEBAT, VSUP, VUSB1 or VUSB2
RON
ON resistance
Guaranteed per design
50
Ω
IOFF
Shut down current
100
nA
IVDD
Supply current
Guaranteed per design, consider chip
internal load for measurements.
3μA
tSTART
Startup time
200
μs
VOUT
Output voltage
2.4
2.5
2.6
V
IOUT
Output current
VSUP>3.0V in power_off mode
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com