Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 55 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 55 Page - ams AG

Back Button AS3715 Datasheet HTML 51Page - ams AG AS3715 Datasheet HTML 52Page - ams AG AS3715 Datasheet HTML 53Page - ams AG AS3715 Datasheet HTML 54Page - ams AG AS3715 Datasheet HTML 55Page - ams AG AS3715 Datasheet HTML 56Page - ams AG AS3715 Datasheet HTML 57Page - ams AG AS3715 Datasheet HTML 58Page - ams AG AS3715 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 160 page
background image
ams Datasheet, Confidential
Page 55
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
Start-up
Figure 55:
Start-up flow chart
Start-up flow chart: Shows the main state transitions during start-up.
Detailed Description – System
Functions
power _off=1 OR
(VSUP<ResVoltFall &&
power _off_at_vsuplow ) OR
(onkey _lpress_reset=0 &&
ONKEY lpress )
OFF delay
wait off_delay
N
Reset all Registers
Switch off Regulators
reset registers and reload
fuses 0xA0 to 0xAB except:
pwr_off_at_vsup_low
Y
RUN startup sequence
regulator startup sequnece GPIO
programming during sequence
startup delay programmable
set sdX_sequ_on=1 or
ldoX _sequ_on=1 if regulator
selected during startup
RESET Timer
regulator startup executed
waiting time to release XRES pin
10..150ms
ACTIVE state
XRES=1
standby _mode_on=1
or GPIOx =1 if
GPIOx _iosf=6
OFF delay
wait off_delay
N
Sequence Down
force off all regulators
not in the sequence;
sequence down inverse to
start-up sequence;
STAND-BY state
V2_5 stays active,
all regulators with
regX _stby_on=1 enabled
any
interrupt applied or
ONKEY=1 or
ENx=1
force_reset=1
or (XRES is low
if stdby _reset_disable=1)
or VSUP<ResVoltFall or
Die temp>140 °C
N
N
Y
Y
remove „stand -by force off“
of all regulators
Die
temp>140 °C
Y
power_off=1
or force _reset=1
or XRES is low or
ONKEY lpress
N
OFF delay
wait off_delay
Y
die temp
>110°C
N
Y
N
any state
Start-Up
Battery or Charger insertion
1. V2_5 power up
2. Readout ROM fuse
auto _off=1
POWER OFF state
V2_5 power up
Quiescent current < 10uA
Pin ONKEY
debounce time=20msec
Y
ONKEY=RISING OR
ENx=RISING OR
(chdet =1 && chg_pwr_off_en=0)
OR (chdet_rise &&
chg_pwr_off_en=1)
N
Y
VSUP debounce state
Measuring VSUP
Quiesent current ~200uA
N
5ms &&
VSUP>ResVoltRise
auto_off=1 or
power _off_at_vsuplow =1
N
N
ONKEY=1 or
Charge detect =1
Y
N
VSUP<ResVoltFall
for more than 500 ms
Y
N
Y
Y
VSUP<ResVoltFall
or Die temp>140°C or
SD4 overtemp
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com