Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 3 Page - Analog Devices

  LT8350RVPBF Datasheet HTML 1Page - Analog Devices LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8350
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input and Output
VIN Operating Voltage Range
l
3
40
V
VIN Shutdown Current
VEN/UVLO = 0.3V
2
5
µA
VIN Active Current (Not Switching)
VEN/UVLO = 1.5V, EXTVCC = 0V
VEN/UVLO = 1.5V, EXTVCC = 5V
3.5
400
5
650
mA
µA
EXTVCC Voltage Range
l
1
18
V
VOUT Voltage Range
l
0
18
V
EN/UVLO Shutdown Threshold
Falling
0.3
0.6
0.9
V
EN/UVLO Enable Threshold
Falling
l
1.196
1.220
1.244
V
EN/UVLO Enable Hysteresis
15
mV
EN/UVLO Hysteresis Current
VEN/UVLO = 1.1V
VEN/UVLO = 1.5V
2.1
–0.1
2.5
0
2.9
0.1
µA
µA
Linear Regulators
INTVCC Regulation Voltage
IINTVCC = 20mA
3.4
3.6
3.8
V
VREF Regulation Voltage
IVREF = 100µA
l
1.97
2.00
2.03
V
Current Regulation Loop
Full-Scale Current Regulation V(ISP-ISN)
VCTRL = 2V, VISP = 12V
VCTRL = 2V, VISP = 0V
l
l
94
94
100
100
103
103
mV
mV
ISP/ISN Input Common Mode Range
l
0
40
V
ISP/ISN Current Regulation Amplifier gm
2300
µS
Voltage Regulation Loop
FB Pin Current
FB in Regulation, Current Out of Pin
35
80
nA
FB Regulation Voltage
VC = 0.8V
l
0.985
1.00
1.015
V
FB Line Regulation
VIN = 3V to 40V
0.02
0.2
%
FB Load Regulation
0.02
0.1
%
FB Voltage Regulation Amplifier gm
580
µS
VC Output Impedance
10
MΩ
Power Switches
Maximum Switch Current Limit
Peak-Boost Current Mode
Peak-Buck Current Mode
6.3
5.8
7.0
7.0
7.7
8.0
A
A
Switch A On-Resistance (From VIN to SW1)
ISW = 1A
50
mΩ
Switch B On-Resistance (From SW1 to GND)
ISW = 1A
50
mΩ
Switch C On-Resistance (From SW2 to GND)
ISW = 1A
30
mΩ
Switch D On-Resistance (From VOUT to SW2)
ISW = 1A
30
mΩ
Oscillator
Switching Frequency
VSYNC/MODE = 0V, RT = 14.3kΩ
VSYNC/MODE = 0V, RT = 178kΩ
l
1900
260
2000
290
2100
320
kHz
kHz
SYNC Frequency
200
2000
kHz
SYNC/MODE Threshold Voltage
0.4
1.5
V
Spread Spectrum Above Oscillator Frequency
VSYNC/MODE = 3.6V
20
23
26
%
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 1.5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com