Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8350
10
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
VOUT
VOUT
BST2
VIN
BST1
SS
EA
1
EA
2
1V
1.25V
CTRL
GND
8350 BD
PGOOD
LOADEN
LOGIC
LOADEN_INT
LOADTG
LOADEN
RP
FB
ISP
ISN
VOUT
VOUT–5V
INHIBIT
SWITCH
FAULT
LOGIC
INTVCC
EXTVCC
VREF
RT
SYNC/MODE
CLKOUT
CTRL
EN/UVLO
2.5µA
1.1V
FB
FB
0.9V
0.25V
FB
0.2V
1.220V
2
3
30
6
21
9
18
19
20
13
5
16
36
35
34
33
DUAL INPUT
LINEAR
REGULATOR
AND
REFERENCE
BUCK LOGIC
VLS
BOOST LOGIC
INTVCC
D2
BUCK_MODE
BOOST_MODE
D1
A
OSCILLATOR
–
+
–
+
–
+
–
+
+
–
–
+
+
V(ISP-ISN)
0.75V
12.5µA
1.25µA
SS
VC
ISMON
LOADEN_INT
VREF
–
+
FB
1.1V
–
+
31
28
27
32
A1
A2
+
B
C
D
SW2
SW1
SW1
SW2
10µA
ISP
ISN
EA
1
–
+
+–
A = 1
250mV
A = 10
17
15
10
12
11
14
EA
1
EA
2
7
8
22
29
24
25
ISMON_INT
FBOV
ISOC
SHORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com