Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8350RVPBF Datasheet HTML 1Page - Analog Devices LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8350
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40VIN, 18VOUT, 6A Synchronous
Buck-Boost Silent Switcher
The LT®8350 is a monolithic 4-switch synchronous buck-
boost converter with Silent Switcher architecture to mini-
mize EMI emissions while delivering high efficiency at
high switching frequency. The switcher can regulate the
output voltage, input or output current from input volt-
ages above, below, or equal to the output voltage. The
proprietary peak current mode control scheme allows
adjustable and synchronizable 200kHz to 2MHz fixed fre-
quency operation, or spread spectrum frequency modu-
lation (SSFM) operation. With 3V to 40V input voltage
range, 1V to 18V output voltage capability, and seam-
less low noise transitions between operation regions, the
LT8350 is ideal for voltage regulator, battery and super-
capacitor charger applications in automotive, industrial,
telecom, and battery powered systems.
The LT8350 provides input or output current monitor and
power good flag. Robust fault protection is provided to
detect output short-circuit condition, during which the
LT8350 retries, latches off, or keeps running.
Efficiency vs VIN
95% Efficient 24W (12V, 2A) 2MHz Buck-Boost Voltage Regulator
with Output Current Limit
APPLICATIONS
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Silent Switcher® Architecture for Low EMI
n
Up to 95% Efficiency at 2MHz
n
Proprietary Peak Current Mode
n
3V to 40V Input Voltage Range
n
1V to 18V Output Voltage Range
n
±1.5% Output Voltage Regulation
n
Output/Input Current Regulation and Monitor
n
Constant-Voltage/Constant-Current Regulation
n
High Side PMOS Load Switch Driver
n
No Top MOSFET Refresh Noise in Buck or Boost
n
200kHz to 2MHz Fixed Switching Frequency with
External Frequency Synchronization and SSFM
n
VOUT Disconnected from VIN During Shutdown
n
Small 4mm × 6mm 32-Pin LQFN Package
n
AEC-Q100 Qualification in Progress
n
Automotive, Industrial, Telecom Systems
n
Voltage Regulator with Accurate Current Limit
n
High Frequency Battery-Powered System
n
USB-PD Source
All registered trademarks and trademarks are the property of their respective owners.
22µF
LT8350
SW2
SS
RT
3.9k
22nF
EXTVCC
FB
ISP
ISN
LOADTG
ISMON
CURRENT MONITOR
VC
CLKOUT
SYNC/MODE
3.3nF
SW1
VOUT
VREF
EN/UVLO
VIN
RP
100k
CTRL
LOADEN
INTVCC
PGOOD
VIN
8V TO 36V
10µF
499k
115k
110k
14.3k
10k
1µF
GND
4.7µF
30m
4.7µF
12V
8350 TA01a
220nF
1µF
2.2µH
100nF
100nF
BST1
BST2
+
3.3A CURRENT LIMIT
2MHz
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
75
80
85
90
95
100
8350 TA01b
IOUT = 2A
IOUT = 2.5A
VOUT = 12V, fSW = 2MHz


Similar Part No. - LT8350RVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
LT8350 AD-LT8350 Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350S AD-LT8350S Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350SAV#PBF AD-LT8350SAV#PBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
LT8350SAV#WPBF AD-LT8350SAV#WPBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
More results

Similar Description - LT8350RVPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592 Datasheet
558Kb / 20P
6A Output Synchronous Buck PWM Switcher
April, 2014 ??Rev. 2
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com