Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8350
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Enable Threshold
EN/UVLO Hysteresis Current
CTRL Off Threshold
V(ISP-ISN) Regulation vs VCTRL
V(ISP-ISN) Regulation vs VISP
V(ISP-ISN) Regulation
vs Temperature
V(ISP-ISN) Regulation vs V(FB)
FB Regulation vs Temperature
Power Switch RDS(ON)
TA = 25°C, unless otherwise noted.
FALLING
RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
8350 G10
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.0
2.2
2.4
2.6
2.8
3.0
8350 G11
FALLING
RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.10
0.15
0.20
0.25
0.30
8350 G12
VCTRL (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
25
50
75
100
125
8350 G13
VISP (V)
0
5
10
15
20
25
30
35
40
94
96
98
100
102
104
106
8350 G14
VIN = 40V
VIN = 12V
VIN = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
94
96
98
100
102
104
106
8350 G15
VFB (V)
0.96 0.97 0.98 0.99 1 1.01 1.02 1.03 1.04
0
20
40
60
80
100
120
8350 G16
VIN = 40V
VIN = 12V
VIN = 3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.97
0.98
0.99
1.00
1.01
1.02
1.03
8350 G17
SWITCH A
SWITCH B
SWITCH C
SWITCH D
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
20
40
60
80
100
120
8350 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com