Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8350
18
Rev. 0
For more information www.analog.com
oscillations at certain duty cycles. The minimum induc-
tance required for stability can be calculated as:
L >
VOUT
2 • fSW • ISW(MAX)
where:
fSW is switching frequency
ISW(MAX) is maximum switch current limit = 6.8A (typical)
For high efficiency, choose an inductor with low core loss,
such as ferrite. Also, the inductor should have low DC
resistance to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. To
minimize radiated noise, use a shielded inductor.
CIN and COUT Selection
Input and output capacitance is necessary to suppress
voltage ripple caused by discontinuous current moving
in and out the regulator. A parallel combination of capaci-
tors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Capacitors with
low ESR and high ripple current ratings, such as OS-CON
and POSCAP are also available.
Ceramic capacitors should be placed near the regulator
input and output to suppress high frequency switching
spikes. Ceramic capacitors, of at least 1µF, should also
be placed from VIN to GND and VOUT to GND as close
to the LT8350 pins as possible. Due to their excellent
low ESR characteristics, ceramic capacitors can signifi-
cantly reduce input ripple voltage and help reduce power
loss in the higher ESR bulk capacitors. X5R or X7R
dielectrics are preferred, as these materials retain their
capacitance over wide voltage and temperature ranges.
Many ceramic capacitors, particularly 0805 or 0603 case
sizes, have greatly reduced capacitance at the desired
operating voltage.
Input Capacitance CIN
Discontinuous input current is highest in the buck region
due to the switch A toggling on and off. Make sure that the
CIN capacitor network has low enough ESR and is sized
to handle the maximum RMS current. In buck region, the
input RMS current is given by:
IRMS ≈
–1
IOUT(MAX) •
•
VOUT
VIN
VIN
VOUT
The formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT(MAX)/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief.
Output Capacitance COUT
Discontinuous current shifts from the input to the output
in the boost region. Make sure that the COUT capacitor
network is capable of reducing the output voltage ripple.
The effects of ESR and the bulk capacitance must be con-
sidered when choosing the right capacitor for a given
output ripple voltage. The maximum steady state ripple
due to charging and discharging the bulk capacitance is
given by:
∆VCAP(BOOST) =
∆VCAP(BUCK) =
IOUT • (VOUT – VIN(MIN))
COUT • VOUT • fSW
VOUT
VIN(MIN)
VOUT • (1 –
)
8 • L • fSW • COUT
2
The maximum steady ripple due to the voltage drop
across the ESR is given by:
∆VERS(BOOST) =
• ESR
• ESR
∆VERS(BUCK) =
VOUT • IOUT(MAX)
VIN(MIN)
VOUT
VIN(MIN)
VOUT • (1 –
)
L • fSW
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com