Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8350
11
Rev. 0
For more information www.analog.com
OPERATION
The LT8350 is a current mode DC/DC converter that can
regulate output voltage from input voltage above, below,
or equal to the output voltage. Four internal low resistance
N-channel DMOS switches minimize the size of the
application circuit and reduce power losses to maximize
efficiency. Internal high side gate drivers, further simplify
the design process. The ADI proprietary peak current
mode control scheme directly senses the inductor current
across the internal power switches and provides smooth
transition between buck region, buck-boost region, and
boost region. The LT8350 can be configured to operate
over a wide range of switching frequencies, from 200kHz
to 2MHz, allowing applications to be optimized for broad
area and efficiency. The operation can be best understood
by referring to the Block Diagram.
Power Switch Control
Figure 1 shows the topology of the LT8350 power stage
which is comprised of four N-channel DMOS switches and
their associated gate drivers. Figure 2 shows the current
mode control as a function of VIN/VOUT ratio and Figure 3
shows the operation region as a function of VIN/VOUT ratio.
The power switches are properly controlled to smoothly
transition between modes and regions. Hysteresis is
added to prevent chattering between modes and regions.
Figure 1. Power Stage Schematic
Figure 2. Current Mode vs VIN/VOUT Ratio
Figure 3. Operation Region vs VIN/VOUT Ratio
VIN/VOUT
BUCK
BUCK-BOOST
BOOST
1.25
1
(1)
(2)
(3)
(4)
0.85
0.75
8350 F03
1.33
VIN/VOUT
PEAK-BUCK
PEAK-BOOST
0.98
8350 F02
1.02
L
BST1
BST2
A
D
B
C
CBST1
CBST2
LT8350
INTVCC
INTVCC
VIN
SW1
SW2
INTVCC
INTVCC
8350 F01
GND
GND
VOUT
There are total four states: (1) peak-buck current mode
control in buck region, (2) peak-buck current mode con-
trol in buck-boost region, (3) peak-boost current mode
control in buck-boost region, and (4) peak-boost current
mode control in boost region. The following sections
give detailed description for each state with waveforms,
in which the shoot-through protection dead time between
switches A and B, between switches C and D are ignored
for simplification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com