Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices LT8350RVPBF Datasheet HTML 23Page - Analog Devices LT8350RVPBF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8350
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
04/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8390/LT8390A 60V 4-Switch Synchronous Buck-Boost
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT(MAX): 60V, ±1.5% Voltage Accuracy, ±3% Current Accuracy,
4mm × 5mm QFN and TSSOP-28 Packages.
LT3942
36V, 2A Synchronous Buck-Boost
Converter
VIN: 3V to 36V, VOUT(MAX): 36V, ±3% Current Accuracy, 4mm × 5mm QFN Package.
LTC3115-1/
LTC3115-2
40V, 2A Synchronous Buck-Boost DC/DC
Converter
VIN: 2.7V to 40V, VOUT: 2.7V to 40V, DFN and TSSOP-20 Packages.
LTC3114-1
40V, 1A(IOUT) Synchronous Buck-Boost
DC/DC Converter
VIN: 2.2V to 40V, VOUT: 2.7V to 40V, IQ = 30μA, ISD < 3μA, DFN and TSSOP Packages.
LT3120
26V, 9A Low-IQ CC/CV Synchronous
Buck-Boost Converter
VIN: 2.5V to 26V, VOUT: 0.8V to 24V, IQ = 35μA, 4mm × 5mm LQFN Package.
4.7µF
C1: JOHANSON 202R29W222KV4E
D1: DIODE BZT52C12TQ
FB1,2,3,4: TDK MPZ2012S221ATD25
L1: COILCRAFT XAL6060-472MEC
L2: COILCRAFT XEL4030-152MEB
M1: DIODES INC DMP2006UFG
RS1: SUSUMU KRL2012
4.7µF
25V
VBUS
CC1
CC2
GND
D+2
D–1
D+1
D–2
USB TYPE-C
P1.0
P0.0
P0.1
P2.1
P_CTRL
C_CTRL
DP1
DM1
C_MON
CC1
CC2
DP0
DM0
GND
VCCD
VDDD
COMP
FB
CSP
VBUS_IN
CYPD3197
221k
10k
VIN
1MΩ
59k
0.1µF
D1
M1
470k
10nF
RS1
5m
390pF
390pF
SHIELD
100k
C1
2kV
2nF
1µF
+0.1µF
VBUS
VBUS
6.04k
DP0
VIN
EN/UVLO
VIN
6V TO 36V
INTVCC
PGOOD
VOUT
FB
ISP
ISN
SYNC/MODE
RT
SS
VC
LOADEN
RP
GND
400kHz
LT8350
EXTVCC
NO SSFM
SSFM
VREF
VOUT
0.1µF
316k
OPT
200k
49.9k
100k
127k
16k
4.7nF
VOUT
10µF
50V
FB1,2
10k
1nF
VDDD
DP1
DM1
DP1
*PPS MODE OPTIONAL
10µF
×5
50V
L2
1.5µH
100k
C_CTRL
C_CTRL
VDDD
VDDD
8350 F15
SW2
SW1
L1
4.7µH
100nF
100nF
BST1
BST2
10k
1nF
VDDD
DM1
PINS NOT USED IN THIS CIRCUIT:
LOADTG, CLKOUT, ISMON
1µF
50V
1µF
50V
0.1µF
47µF
×4
25V
0.1µF
25V
0.1µF
25V
FB3,4
1µF
+0.1µF
1µF
+0.1µF
220nF
VREF
CTRL
Figure 15. USB-PD Source – 27W 5V, 9V/3A Fixed PDO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com