Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8350
14
Rev. 0
For more information www.analog.com
OPERATION
up from ground. From the time of entering enable mode to
the time of VREF passing its rising UVLO threshold (1.89V
typical), the LT8350 is going through a power-on-reset
(POR), waking up the entire internal control circuitry and
settling to the right initial conditions. After the POR, the
LT8350 is ready and waiting for the signals on the CTRL
and LOADEN pins to start switching.
Start-Up and Fault Protection
Figure 8 shows the start-up and fault sequence for the
LT8350. During the POR state, the SS pin is hard pulled
down with a 130Ω to ground. In a pre-biased condition,
the SS pin has to be pulled below 0.2V to enter the INIT
state, where the LT8350 waits 10µs so that the SS pin can
be fully discharged to ground. After the 10µs, the LT8350
enters the UP/PRE state when the LOADON signal goes
high. The LOADON high signal happens when CTRL pin
is above its CTRL OFF thresholds (0.225V typical) and the
LOADEN is high.
During the UP/PRE state, the SS pin is charged up by a
12.5µA pull-up current while the switching is disabled
and the LOADTG is turned off. Once the SS pin is charged
above 0.25V, the LT8350 enters the UP/TRY state, where
the LOADTG is turned on first while the switching is still
disabled. If an excessive current flowing through the
current sense resistor triggers the ISP/ISN over current
(ISOC) signal, it will reset the LT8350 back into the POR
state. After 10µs in the UP/TRY state without triggering
the ISOC signal, the LT8350 enters the UP/RUN state.
During the UP/RUN state, the switching is enabled and
the start-up of the output voltage VOUT is controlled by
the voltage on the SS pin. When the SS pin voltage is less
than 1V, the LT8350 regulates the FB pin voltage to the
SS pin voltage instead of the 1V reference. This allows the
SS pin to be used to program soft-start by connecting an
external capacitor from the SS pin to GND. The internal
12.5µA pull-up current charges up the capacitor, creating
a voltage ramp on the SS pin. As the SS pin voltage rises
region, switch D is turned off whenever the boost reverse
current threshold is triggered during (A+D) phase, and
both switches B and D are turned off whenever the buck
reverse current threshold is triggered during (B+D) phase.
As the load becomes lower and lower, or when a smaller
value inductor is used and the inductor current ripple
is bigger, the LT8350 may run in pulse-skipping mode,
where the switches are held off for multiple cycles (i.e.,
skipping pulses) to maintain the regulation.
Internal Charge Path
Each of the two high side gate drivers is biased from
its floating bootstrap capacitor CBST1 and CBST2, which
is normally recharged by INTVCC through the integrated
bootstrap diode D1 and D2 when the bottom power
switches are turned on. When the LT8350 operates exclu-
sively in the buck or boost regions, one of the top power
switches is constantly on. Internal charge paths, from
VOUT and BST2 to BST1, or from VIN and BST1 to BST2,
charge the bootstrap capacitors to above 3.3V so that the
top power switch can be kept on.
Shutdown and Power-On-Reset
The LT8350 enters shutdown mode and drains less than
2µA (typical) quiescent current when the EN/UVLO pin is
below its shutdown threshold (0.3V minimum). Once the
EN/UVLO pin is above its shutdown threshold (0.9V maxi-
mum), the LT8350 wakes up startup circuitry, generates
bandgap reference, and powers up the internal INTVCC
LDO. The INTVCC LDO supplies the internal control cir-
cuitry and gate drivers. Now the LT8350 enters under-
voltage lockout (UVLO) mode with a hysteresis current
(2.5µA typical) pulled into the EN/UVLO pin. When the
INTVCC pin is charged above its rising UVLO threshold
(2.52V typical), and the EN/UVLO pin passes its rising
enable threshold (1.235V typical), and the junction tem-
perature is less than its thermal shutdown (165°C typical),
the LT8350 enters enable mode, in which the EN/UVLO
hysteresis current is turned off and VREF is being charged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com