Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 2 Page - Analog Devices

  LT8350RVPBF Datasheet HTML 1Page - Analog Devices LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8350
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO, ISP, ISN.............................. –0.3V to 42V
VOUT, EXTVCC ............................................ –0.3V to 20V
SW1........................................................... –0.3V to 42V
SW2........................................................... –0.3V to 20V
BST1 .........................................................................47V
BST2.........................................................................25V
BST1–SW1, BST2–SW2, INTVCC................. –0.3V to 5V
CTRL, FB, LOADEN, SYNC/MODE, PGOOD .. –0.3V to 5V
ISMON, VC, RT............................................. –0.3V to 5V
SS, VREF....................................................... –0.3V to 4V
ISP–ISN ...........................................................–1V to 1V
CLKOUT, LOADTG .............................................. (Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT8350R............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LT8350RV#PBF
Au (RoHS)
8350
e4
LQFN (Laminate
Package with
QFN Footprint)
3
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
**The LT8350 package has the same footprint as a standard 4mm × 6mm
QFN package.
32
31
30
TOP VIEW
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
θJA = 23°C/W (DEMO BOARD EVAL-LT8350-AZ)
EXPOSED PAD (PINS 33, 34, 35, 36) ARE GND, MUST BE SOLDERED TO PCB
2
VIN
VIN
EN/UVLO
INTVCC
RP
LOADEN
VREF
SS
RT
SYNC/MODE
CLKOUT
EXTVCC
LOADTG
VOUT
VOUT
ISMON
3
25
24
5
33
GND
34
GND
35
GND
36
GND
29
28
27
8
9
10
11
12
13
14
15
16
6
7
22
19
18
17
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com