Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8350
13
Rev. 0
For more information www.analog.com
OPERATION
switches A and C are turned on and the inductor current
ramps up. When the inductor current hits the peak boost
current threshold commanded by VC voltage at boost
current comparator A2 during (A+C) phase, switch C is
turned off and switch D is turned on for the rest of the
cycle. After 80% cycle, switch A is turned off and switch
B is turned on for the rest of the cycle.
(4) Peak-Boost in Boost Region (VIN << VOUT)
When VIN is much lower than VOUT, the LT8350 uses peak-
boost current mode control in boost region (Figure 7).
Switch A is always on and switch B is always off. At the
beginning of every cycle, switch C is turned on and the
inductor current ramps up. When the inductor current hits
the peak boost current threshold commanded by VC volt-
age at boost current comparator A2 during (A+C) phase,
switch C is turned off and switch D is turned on for the
rest of the cycle. Switches C and D will alternate, behaving
like a typical synchronous boost regulator.
A
B
100% ON
100% OFF
C
D
A + D
A + C
A + D
A + C
IL
8350 F06
Figure 7. Peak-Boost in Boost Region (VIN << VOUT)
Main Control Loop
The LT8350 is a fixed frequency current mode DC/DC
converter. The inductor current is directly sensed across
the internal switch A. The current sense voltage is added
to a slope compensation ramp signal from the internal
oscillator. The summing signal is then fed into the positive
terminals of the buck current comparator A1 and boost
current comparator A2. The negative terminals of A1 and
A2 are controlled by the voltage on the VC pin, which is
the diode-OR of error amplifiers EA1 and EA2.
Depending on the state of the peak-buck peak-boost cur-
rent mode control, either the buck logic or the boost logic
is controlling the four power switches so that either the
FB voltage is regulated to 1V or the current sense voltage
between the ISP and ISN pins is regulated by the CTRL
pin during normal operation. The gains of EA1 and EA2
have been balanced to ensure smooth transition between
constant-voltage and constant-current operation with the
same compensation network.
Light Load Current Operation
At light load, the LT8350 can be configurated to operate
in forced continuous conduction mode or discontinuous
conduction mode.
In force continuous conduction mode, the LT8350 runs
at their full switching frequency.
In discontinuous conduction mode, both buck and boost
reverse current sense thresholds are set to be positive,
thus preventing any reverse current flowing from the out-
put to the input. In the buck region, switch B is turned
off whenever the buck reverse current threshold is trig-
gered during (B+D) phase. In the boost region, switch D
is turned off whenever the boost reverse current thresh-
old is triggered during (A+D) phase. In the buck-boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com