Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 4 Page - Analog Devices

  LT8350RVPBF Datasheet HTML 1Page - Analog Devices LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8350
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 1.5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Fault
FB Short Threshold (VFB)
Falling
0.23
0.25
0.27
V
FB Short Hysteresis
38
50
62
mV
ISP/ISN Over Current Threshold V(ISP-ISN)
VISP = 12V
750
mV
PGOOD Upper Threshold Offset from VFB
Rising
8
10
12
%
PGOOD Lower Threshold Offset from VFB
Falling
–12
–10
–8
%
PGOOD Pull-Down Resistance
130
200
Ω
SS Hard Pull-Down Resistance
130
200
Ω
SS Pull-Up Current
VFB = 0.8V, VSS = 0V
10.5
12.5
14.5
µA
SS Pull-Down Current
VFB = 1V, VSS = 2V
1.0
1.25
1.5
µA
SS Fault Latch-Off Threshold
1.75
V
SS Fault Reset Threshold
0.2
V
Output Current Monitor
ISMON Voltage
V(ISP-ISN) = 100mV, VISP = 12V/0V
V(ISP-ISN) = 0mV, VISP = 12V/0V
1.21
0.22
1.25
0.25
1.29
0.28
V
V
Load Switch Driver
LOADEN Threshold
Rising
1.5
V
LOADEN Hysteresis
540
mV
Minimum VOUT for LOADTG to be On
VLOADEN = 5V
3
4.0
V
LOADTG On Voltage V(VOUT-LOADTG)
VOUT = 12V
4.5
5
5.5
V
LOADTG Off Voltage V(VOUT-LOADTG)
VOUT = 12V
–0.1
0
0.1
V
with these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 4: The LT8350 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Do not apply a positive or negative voltage source to these pins,
otherwise permanent damage may occur.
Note 3: The LT8350R is specified over the –40°C to 150°C operating
junction temperature range. High Junction temperatures degrade
operating lifetimes. Note the maximum ambient temperature consistent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com