Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8350
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Frequency Synchronization
The LT8350 switching frequency can be synchronized
to an external clock using the SYNC/MODE pin. Driving
the SYNC/MODE with 10% to 90% duty cycle waveform
is recommended. Due to the use of a phase-locked loop
(PLL) inside, there is no restriction between the synchro-
nization frequency and the internal oscillator frequency.
The rising edge of the synchronization clock represents
the beginning of a switching cycle, turning on switches A
and C, or switches A and D.
Maximum Output Current
The LT8350 is a constant-voltage constant-current buck-
boost converter. The output voltage is regulated up to
the current limit threshold, which is set by the CTRL pin
voltage and the current sense resistor across the ISP/
ISN pins. If the accurate current limit is not required in
the application, connect the CTRL pin to VREF and short
the ISP and ISN pins to disable this accurate current
limit function. Refer to the Programming Input or Output
Current Limit section for more details.
In practice, the maximum output current can be limited by
the thermal constraints of the application. Figure 11 shows
the measured output currents over VIN that increase the
case temperature by 60°C. The output is regulated at 12V,
and the ambient temperature is 25°C. The measurements
were done using the LT8350 demo board. Figure 11 can
be a reference to estimate how much output current and
power the LT8350 can provide under the temperature
constraint for a given application.
LT8350 DEMOBOARD EVAL-LT8350-AZ
VOUT = 12V
TA = 25°C
fSW = 2MHz
fSW = 350kHz
VIN (V)
4
8
12 16 20 24 28 32 36 40
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
8350 F11
Figure 11. LT8350 Output Currents Resulting
60°C Case Temperature Increase
Another factor that can limit the output current and power
from the LT8350 is the maximum switch current limit.
The typical maximum switch current limit is 6.8A. When
the output current and power increase for a given input
voltage, the input current will increase until the peak of
the inductor current reaches the maximum switch current
limit. If the load demands more current, the output voltage
may decrease as the converter will regulate the peak of
the inductor current to be less than the maximum switch
current limit.
Inductor Selection
The switching frequency and inductor selection are inter-
related in that higher switching frequencies allow the use
of smaller inductor and capacitor values. The inductor
value has a direct effect on ripple current. The highest cur-
rent ripple ∆IL% happens in the buck region at PVIN(MAX),
and the lowest current ripple ∆IL% happens in the boost
region at VIN(MIN). For any given ripple allowance, the
minimum inductance can be calculated as:
LBUCK >
VOUT • (VIN(MAX) – VOUT)
fSW • IOUT(MAX) • ∆IL% • VIN(MAX)
LBOOST >
VIN(MIN) • (VOUT – VIN(MIN))
fSW • IOUT(MAX) • ∆IL% • VOUT
2
2
where:
fSW is switching frequency
∆IL% is allowable inductor current ripple
VIN(MIN) is minimum input voltage
VIN(MAX) is maximum input voltage
VOUT is output voltage
IOUT(MAX) is maximum output current
Slope compensation provides stability in constant fre-
quency current mode control by preventing subharmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com