Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT8350RVPBF Datasheet HTML 1Page - Analog Devices LT8350RVPBF Datasheet HTML 2Page - Analog Devices LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8350
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
(Buck Region)
Efficiency vs Load Current
(Buck-Boost Region)
Efficiency vs Load Current
(Boost Region)
Switching Waveforms
(Buck Region)
Switching Waveforms
(Buck-Boost Region)
Switching Waveforms
(Boost Region)
VIN Shutdown Current
VIN Active Current
VREF Voltage vs Temperature
TA = 25°C, unless otherwise noted.
LOAD CURRENT (A)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
8350 G01
VIN = 24V, VOUT = 12V, fSW = 2MHz
PULSE-SKIPPING
FCM
LOAD CURRENT (A)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
8350 G02
VIN = 12V, VOUT = 12V, fSW = 2MHz
PULSE-SKIPPING
FCM
VIN = 8V, VOUT = 12V, fSW = 2MHz
PULSE-SKIPPING
FCM
LOAD CURRENT (A)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
8350 G03
200ns/DIV
IL
2A/DIV
8350 G04
VSW1
10V/DIV
VSW2
10V/DIV
FRONT PAGE APPLICATION
VIN = 24V, IOUT = 2A
200ns/DIV
IL
2A/DIV
8350 G05
VSW1
10V/DIV
VSW2
10V/DIV
FRONT PAGE APPLICATION
VIN = 24V, IOUT = 2A
200ns/DIV
IL
2A/DIV
8350 G06
VSW1
10V/DIV
VSW2
10V/DIV
FRONT PAGE APPLICATION
VIN = 8V, IOUT = 2A
VIN = 40V
VIN = 12V
VIN = 3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
2.5
5.0
7.5
10.0
12.5
15.0
8350 G07
VIN = 40V
VIN = 12V
VIN = 3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.8
3.0
3.2
3.4
3.6
3.8
8350 G08
IVREF = 100µA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
8350 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com