Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 3Page - Analog Devices LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8350
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Peak Current vs Temperature
Min On-Time vs Temperature
Max On-Time vs Temperature
FB Short-Circuit Threshold
PGOOD Thresholds
ISMON vs Temperature
ISMON vs V(ISP-ISN)
SS Current vs Temperature
Frequency vs Temperature
TA = 25°C, unless otherwise noted.
BUCK
BOOST
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
8350 G19
SW1
SW2
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
7.00
8.00
9.00
10.00
11.00
12.00
8350 G20
SW1
SW2
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
85.00
86.00
87.00
88.00
89.00
90.00
8350 G21
FALLING
RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.10
0.15
0.20
0.25
0.30
0.35
0.40
8350 G22
UPPER FALLING
UPPER RISING
LOWER FALLING
LOWER RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–15
–10
–5
0
5
10
15
20
8350 G23
V(ISP–ISN) = 100mV
V(ISP–ISN) = 10mV
V(ISP–ISN) = 0mV
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.25
0.50
0.75
1.00
1.25
1.50
8350 G24
V(ISP–ISN)(mV)
0 10 20 30 40 50 60 70 80 90 100
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
8350 G25
PULL-DOWN
PULL-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
2.5
5.0
7.5
10.0
12.5
15.0
8350 G26
RT = 14.3k
RT = 43.2k
RT = 178k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
500
1000
1500
2000
2500
8350 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com