Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices LT8350RVPBF Datasheet HTML 23Page - Analog Devices LT8350RVPBF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT8350
22
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 14. 96% Efficient 30W (12V 2.5A), 350kHz Buck-Boost Voltage Regulator
402k
324k
100k
110k
10k
143k
0.1µF
5.1k
22nF
100k
4.7F
0.47µF
L2
2.2µH
VIN
EN/UVLO
VBAT
8V TO 36V
INTVCC
PGOOD
VREF
CTRL
VOUT
FB
ISP
ISN
SYNC/MODE
RT
SS
VC
LOADEN
RP
GND
350kHz
VOUT
12V
2.5A
LT8350
EXTVCC
L1 : COILCRAFT XAL6060-682ME
L2 : COILCRAFT XAL5030-222ME
FB1 : TDK MPZ2012S221ATD25
FB1
VIN
VOUT
VIN
VOUT
PINS NOT USED IN THIS CIRCUIT:
LOADTG, CLKOUT, ISMON
10µF
50V
1210
10µF
50V
1210
×6
0.1µF
50V
0402
×2
SW2
SW1
L1
6.8µH
0.1F
0.1F
BST1
BST2
0.1µF
50V
0402
×2
22µF
16V
1210
×6
4.7µF
16V
0805
8350 F14a
INPUT VOLTAGE (V)
6
8 10 12 14 16 18 20 22 24 26
80
82
84
86
88
90
92
94
96
98
100
8350 F14b
Efficiency vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com