Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices LT8350RVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8350
19
Rev. 0
For more information www.analog.com
Programming VIN UVLO
A resistor divider from VIN to the EN/UVLO pin imple-
ments VIN undervoltage lockout (UVLO). The EN/UVLO
enable falling threshold is set at 1.220V with 15mV hyster-
esis. In addition, the EN/UVLO pin sinks 2.5µA when the
voltage on the pin is below 1.220V. This current provides
user programmable hysteresis based on the value of R1.
The programmable UVLO thresholds are:
VIN(UVLO+) = 1.235V •
+ 2.5µA • R1
R1 + R2
R2
VIN(UVLO–) = 1.220V •
R1 + R2
R2
Figure 12 shows the implementation of external shutdown
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8350 in shutdown with quiescent current less than
2µA (typical).
VIN
RUN/STOP
CONTROL
(OPTIONAL)
R1
R2
8350 F12
EN/UVLO
GND
LT8350
Figure 12. VIN Undervoltage Lockout (UVLO)
Programming Input or Output Current Limit
The input or output current limit is programmed by plac-
ing an appropriate value current sense resistor, RIS, in
the input or output power path. The voltage drop across
RIS is (Kelvin) sensed by the ISP and ISN pins. The CTRL
pin should be tied to a voltage higher than 1.35V to get
the full-scale 100mV (typical) threshold across the sense
resistor. The CTRL pin can be used to reduce the input
or output current to zero, although relative accuracy
decreases with the decreasing sense threshold. When
the CTRL pin voltage, VCTRL, is less than 1.15V, the cur-
rent limit is:
IIS(MAX) =
VCTRL – 0.25V
10 • RIS
When VCTRL is higher than 1.35V, the current threshold
is regulated to:
IIS(MAX) =
100mV
RIS
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a thermistor to provide overtemperature protection for
the output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage ripple
signal across ISP and ISN at the switching frequency is
expected. The amplitude of this signal is increased by
higher load current, lower switching frequency, or smaller
value output filter capacitor. Some level of ripple signal
is acceptable, and the compensation capacitor on the VC
pin filters the signal so the average difference between
ISP and ISN is regulated to the user-programmed value.
The ripple voltage amplitude (peak-to-peak) in excess of
20mV should not cause mis-operation, but may lead to
noticeable offset between the average value and the user-
programmed value.
ISMON Current Monitor
The ISMON pin provides a buffered monitor output of the
current flowing through the ISP/ISN current sense resis-
tor, RIS. The ISMON voltage is calculated as:
VISMON = 10 • V(ISP – ISN) + 250mV
Since the ISMON pin has the same 0.25V offset as the
CTRL pin, the primary LT8350 ISMON pin can be directly
tied to the secondary LT8350 pin for equal current sharing
in parallel applications.
LOAD Switch Control
The LOADEN and LOADTG pins provide high side PMOS
load switch control. The LOADEN pin accepts a logic level
ON/OFF signal and then drives the LOADTG pin to turn on
or off the high side PMOS load switch, thereby connect-
ing or disconnecting the LT8350 power output from the
system output. When the LOADEN pin is force low, the
LT8350 turns off power switches, disconnects the VC pin
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com