Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices LT8350RVPBF Datasheet HTML 23Page - Analog Devices LT8350RVPBF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT8350
20
Rev. 0
For more information www.analog.com
from all internal loads, and turn off LOADTG. The LOADEN
pin should not be open (tie to INTVCC or VREF if not used).
High Side PMOS Load Switch Selection
A high side PMOS load switch is recommended in some
LT8350 applications requiring load switch control. The
high side PMOS load switch is typically selected for drain-
source voltage VDS, gate-source threshold voltage VGS(TH),
and continuous drain current ID. For proper operations,
VDS rating should exceed the maximum output voltage
set by the FB pin, the absolute value of VGS(TH) should
be less than 3V, and ID rating should be above IOUT(MAX).
Programming Output Voltage and Thresholds
The LT8350 has a voltage feedback pin FB that can be
used to program a constant-voltage output. The output
voltage can be set by selecting the values of R3 and R4
(Figure 13) according to the following equation:
VOUT = 1V •
R3 + R4
R4
VOUT
R3
R4
8350 F13
FB
GND
LT8350
Figure 13. Feedback Resistor Connection
In addition, the FB pin also sets output overvoltage thresh-
old, output power good thresholds, and output short
threshold. For an application with small output capacitors,
the output voltage may exhibit considerable overshoots
during load transient event. Once the FB pin hits its over-
voltage threshold 1.1V, the LT8350 stops switching by
turning off all four power switches, and also turns off
LOADTG to disconnect the output load for protection. The
output overvoltage threshold can be set as:
VOUT(OVP) = 1.1V •
R3 + R4
R4
APPLICATIONS INFORMATION
To provide the output short-circuit detection and protec-
tion, the output short threshold can be set as:
VOUT(SHORT) = 0.25V •
R3 + R4
R4
Power Good (PGOOD) Pin
The LT8350 provides an open-drain status pin, PGOOD,
which is pulled low when VFB is within ±10% of the 1V
regulation voltage. The PGOOD pin is allowed to be pulled
up by an external resistor to INTVCC or an external voltage
source of up to 5V.
Soft-Start and Fault Protection
As shown in Figure 8 and explained in the Operation
section, the SS pin can be used to program soft-start
by connecting an external capacitor from the SS pin to
ground. The internal 12.5µA pull-up current charges up
the capacitor, creating a voltage ramp on the SS pin. As
the SS pin voltage rises linearly from 0.25V to 1V (and
beyond), the output voltage rises smoothly and transi-
tions into its final voltage regulation. The soft-start time
can be calculated as:
tss = 1V •
Css
12.5µA
Make sure the CSS is at least five to ten times larger than
the compensation capacitor on the VC pin for a well-con-
trolled output voltage soft-start. A 22nF ceramic capacitor
is a good starting point.
The SS pin is also used as a fault timer. Once a short-cir-
cuit fault is detected, a 1.25µA pull-down current source
is activated. Using a single resistor from the SS pin to the
VREF pin, the LT8350 can be set to three different fault
protection modes: hiccup (no resistor), latch-off (499kΩ),
and keep-running (100kΩ).
With a 100kΩ resistor in keep-running mode, the LT8350
continues switching normally and regulates the current
into ground. With a 499kΩ resistor in latch-off mode, the
LT8350 stops switching until the EN/UVLO pin is pulled
low and high to restart. With no resistor in hiccup mode,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com