Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT8350
15
Rev. 0
For more information www.analog.com
OPERATION
linearly from 0.25V to 1V (and beyond), the output voltage
VOUT rises smoothly to its final regulation voltage.
Once the SS pin is charged above 1.75V, the LT8350
enters the OK/RUN state, where the output short detec-
tion is activated. The output short means that VFB < 0.25V.
When the output short happens, the LT8350 enters the
FAULT/RUN state, where a 1.25µA pull-down current
slowly discharges the SS pin with the other conditions the
same as the OK/RUN state. Once the SS pin is discharged
below 1.7V, the LT8350 enters the DOWN/STOP state and
the short detection is deactivated with the previous fault
latched. Once the SS pin is discharged below 0.2V and
the LOADON signal is still high, the LT8350 goes back to
the UP/RUN state.
In output short condition, the LT8350 can be set to hic-
cup, latch-off, or keep-running fault protection mode with
a resistor between the SS and VREF pins. Without any
resistor, the LT8350 will hiccup between 0.2V and 1.75V
and go around the UP/RUN, OK/RUN, FAULT/RUN, and
DOWN/STOP states until the fault condition is cleared.
With a 499kΩ resistor, the LT8350 will latch off until the
EN/UVLO is toggled. With a 100kΩ resistor, the LT8350
will keep running regardless of the fault.
• SS HARD PULL-DOWN
• SWITCHING DISABLED
• LOADTG TURNED OFF
• NO SHORT DETECTION
• SS 12.5µA PULL-UP
• SWITCHING DISABLED
• LOADTG TURNED ON
• NO SHORT DETECTION
• SS 12.5µA PULL-UP
• SWITCHING ENABLED
• LOADTG TURNED ON
• NO SHORT DETECTION
• SS 1.25µA PULL-DOWN
• SWITCHING DISABLED
• LOADTG TURNED ON
• NO SHORT DETECTION
• SS HARD PULL-DOWN
• SWITCHING DISABLED
• LOADTG TURNED OFF
• NO SHORT DETECTION
WAIT 10µs AND
LOADON = HI
POR = HI OR
ISOC = HI
SS < 0.2V
SS > 0.25V
SS > 1.75V
SS < 1.7V
• SS 12.5µA PULL-UP
• SWITCHING DISABLED
• LOADTG TURNED OFF
• NO SHORT DETECTION
• SS 12.5µA PULL-UP
• SWITCHING ENABLED
• LOADTG TURNED ON
• SHORT DETECTION
• SS 1.25µA PULL-DOWN
• SWITCHING ENABLED
• LOADTG TURNED ON
• SHORT DETECTION
8350 F08
SS < 0.2V AND
LOADON = HI
WAIT 10µs
INIT
UP/PRE
OK/RUN
FAULT/RUN
POR
UP/TRY
UP/RUN
DOWN/STOP
Figure 8. Start-Up and Fault Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com