Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 4Page - Analog Devices LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8350
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN (Pin 2, 3): Input Voltage Pin. The VIN pin supplies
the internal circuitry and connects to the power input of
the converter. Bypass this pin to ground with a ceramic
capacitor. The bypass capacitor should be placed as
close to the chip as possible with vias directly down to
the ground plane.
EN/UVLO (Pin 5): Enable and Undervoltage Lockout
Pin. Force the pin below 0.3V to shut down the chip and
reduce VIN quiescent current below 2µA. Force the pin
above 1.235V (typical) for normal operation. The accu-
rate 1.220V falling threshold can be used to program an
undervoltage lockout (UVLO) threshold with a resistor
divider from VIN to ground. An accurate 2.5µA pull-down
current allows the programming of VIN UVLO hysteresis.
If neither function is used, tie this pin directly to VIN.
INTVCC (Pin 6): Internal 3.6V Linear Regulator Output
Pin. Powered from the VIN pin, the INTVCC supplies the
internal control circuitry and gate drivers. Do not force
any voltage on this pin. Place a 1μF bypass capacitor to
GND close to the package.
RP (Pin 7): Factory Test Pin. Always tie this pin to INTVCC.
LOADEN (Pin 8): Load Switch Enable Input. The LOADEN
pin is used to control the ON/OFF of the high side PMOS
load switch. If the load switch control is not used, tie this
pin to VREF or INTVCC. Forcing the pin low turns off all
power switches, disconnects the VC pin from all internal
loads, and turns off LOADTG.
VREF (Pin 9): Voltage Reference Output Pin. The VREF pin
provides an accurate 2V reference capable of supplying up
to 2mA current. It can be used to supply resistor networks
for setting the voltages at the CTRL pin. Place a 220nF
bypass capacitor to GND close to the package.
ISMON (Pin 10): ISP/ISN Current Monitor Output Pin. The
ISMON pin generates a buffered voltage that is equal to
ten times V(ISP-ISN) plus 0.25V offset voltage. The voltage
on the ISMON pin will be 1.25V when V(ISP-ISN) is equal
to 100mV full-scale.
ISP (Pin 11): Positive Terminal of ISP/ISN Current Sense
Resistor (RIS). Ensure accurate current sense with Kelvin
connection.
ISN (Pin 12): Negative Terminal of ISP/ISN Current
Sense Resistor (RIS). Ensure accurate current sense with
Kelvin connection.
CTRL (Pin 13): Control Input for ISP/ISN Current Sense
Threshold. The CTRL pin is used to program the ISP/ISN
regulation current:
IIS(MAX) =
– 0.25V, 1V)
10 • RIS
MIN(VCTRL
The VCTRL can be set by an external voltage reference
or a resistor divider from VREF to ground. For 0.25V ≤
VCTRL ≤ 1.15V, the current sense threshold linearly goes
up from 0mV to 90mV. For VCTRL ≥ 1.35V, the current
sense threshold is constant at 100mV full-scale value.
For 1.15V ≤ VCTRL ≤ 1.35V, the current sense threshold
smoothly transitions from the linear function of VCTRL to
the 100mV constant value. Tie CTRL pin to VREF for the
100mV full-scale threshold. Force the pin below 0.1V to
stop switching.
FB (Pin 14): Voltage Loop Feedback Input. The FB pin
is used for constant-voltage regulation and output fault
protection. The internal error amplifier with its output VC
regulates VFB to 1V through the DC/DC converter. During
the output short-circuit (VFB < 0.25V) fault condition, the
part gets into one fault mode per customer setting. During
an overvoltage (VFB > 1.1V) condition, the part turns off
all power switches and LOADTG.
VC (Pin 15): Error Amplifier Output to Set Inductor Current
Comparator Threshold. The VC pin is used to compen-
sate the control loop with an external RC network. During
LOADEN low state, the VC pin is disconnected from all
internal loads to store its voltage information.
PGOOD (Pin 16): Power Good Open Drain Output. The
PGOOD pin is pulled low when the FB pin is within ±10%
of the final regulation voltage. To function, this pin requires
an external pull-up resistor.
SS (Pin 17): Soft-Start Timer Setting. The SS pin is used
to set soft-start timer by connecting a capacitor to ground.
An internal 12.5µA pull-up current charging the external
SS capacitor gradually ramps up FB regulation voltage. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com