Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8350
16
Rev. 0
For more information www.analog.com
The front page shows a typical LT8350 application circuit.
This Applications Information section serves as a guide-
line of selecting external components for typical applica-
tions. The examples and equations in this section assume
continuous conduction mode unless otherwise specified.
Switching Frequency Selection
The LT8350 uses a constant frequency control scheme
between 200kHz and 2MHz. Selection of the switching
frequency is a trade-off between efficiency and compo-
nent size. Low frequency operation improves efficiency
by reducing MOSFET switching losses, but requires larger
inductor and capacitor values. For high power applica-
tions, consider operating at lower frequencies to minimize
MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to
minimize the total solution size. In addition, the specific
application also plays an important role in switching fre-
quency selection. In a noise-sensitive system, the switch-
ing frequency is usually selected to keep the switching
noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the LT8350 can be set by
the internal oscillator. With the SYNC/MODE pin pulled to
ground, the switching frequency is set by a resistor from
the RT pin to ground. Table 1 shows RT resistor values
for common switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (kHz)
RT (kΩ)
200
249
400
124
600
78.7
800
56.2
1000
43.2
1200
33.2
1400
26.1
1600
21.5
1800
17.4
2000
14.3
APPLICATIONS INFORMATION
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve the EMI performance, the LT8350
implements a triangle spread spectrum frequency modu-
lation scheme. With the SYNC/MODE pin tied to INTVCC,
the LT8350 starts to spread its switching frequency
23%  (typical) above the internal oscillator frequency.
Figure 9 and Figure 10 show the noise spectrum of the
typical application (Figure 14) when the part operates at
12VOUT, 2.5A and 350kHz with ferrite bead EMI filter and
spread spectrum enabled.
Figure 9. Conducted Average EMI (CISPR25)
Figure 10. Conducted Peak EMI (CISPR25)
CLASS 5 AVERAGE LIMIT
NOISE FLOOR
SSFM ON WITH FILTER
FREQUENCY (MHz)
0.1
1
10
100
–20
–10
0
10
20
30
40
50
60
70
80
8350 F09
CLASS 5 PEAK LIMIT
NOISE FLOOR
SSFM ON WITH FILTER
FREQUENCY (MHz)
0.1
1
10
100
–20
–10
0
10
20
30
40
50
60
70
80
8350 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com