Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 16Page - Analog Devices LT8350RVPBF Datasheet HTML 17Page - Analog Devices LT8350RVPBF Datasheet HTML 18Page - Analog Devices LT8350RVPBF Datasheet HTML 19Page - Analog Devices LT8350RVPBF Datasheet HTML 20Page - Analog Devices LT8350RVPBF Datasheet HTML 21Page - Analog Devices LT8350RVPBF Datasheet HTML 22Page - Analog Devices LT8350RVPBF Datasheet HTML 23Page - Analog Devices LT8350RVPBF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8350
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
the LT8350 enters low duty cycle auto-retry operation.
The 1.25µA pull-down current discharges the SS pin to
0.2V and then 12.5µA pull-up current charges the SS pin
up. If the short-circuit condition has not been removed
when the SS pin reaches 1.75V, the 1.25µA pull-down
current turns on again, initiating a new hiccup cycle. This
will continue until the fault is removed. Once the output
short-circuit condition is removed, the output will have a
smooth short-circuit recovery due to soft-start.
Loop Compensation
The LT8350 uses an internal transconductance error
amplifier, the output of which, VC, compensates the con-
trol loop. The external inductor, output capacitor, and the
compensation resistor and capacitor determine the loop
stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability. For a typical application, a
2.2nF compensation capacitor on the VC pin is adequate,
and a series resistor should always be used to increase
the slew rate on the VC pin to maintain tighter output volt-
age regulation during fast transients on the input supply
of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, four main sources
account for most of the losses in LT8350 circuit:
1. DC I2R losses. These arise from the resistances of
the MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch A or switch C spends in the saturated
region during switch node transitions. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the dif-
ficult job of filtering the large RMS input current to the
regulator in buck region. The output capacitor has the
difficult job of filtering the large RMS output current in
boost region. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com