Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices LT8350RVPBF Datasheet HTML 14Page - Analog Devices LT8350RVPBF Datasheet HTML 15Page - Analog Devices LT8350RVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8350
12
Rev. 0
For more information www.analog.com
OPERATION
(2) Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
When VIN is slightly higher than VOUT, the LT8350 uses
peak-buck current mode control in buck-boost region
(Figure 5). In each switching cycle, switch C is turned on
for the beginning 20% cycle and switch D is turned on
for the remaining 80% cycle. At the beginning of every
cycle, switches A and C are turned on and the inductor
current ramps up. After 20% cycle, switch C is turned off
and switch D is turned on, and the inductor keeps ramping
up. When the inductor current hits the peak buck cur-
rent threshold commanded by VC voltage at buck current
comparator A1 during (A+D) phase, switch A is turned off
and switch B is turned on for the rest of the cycle.
(3) Peak-Boost in Buck-Boost Region (VIN <~ VOUT)
When VIN is slightly lower than VOUT, the LT8350 uses
peak-boost current mode control in buck-boost region
(Figure 6). In each switching cycle, switch A is turned on
for the beginning 80% cycle and switch B is turned on for
the remaining 20% cycle. At the beginning of every cycle,
(1) Peak-Buck in Buck Region (VIN >> VOUT)
When VIN is much higher than VOUT, the LT8350 uses
peak-buck current mode control in buck region (Figure 4).
Switch C is always off and switch D is always on. At the
beginning of every cycle, switch A is turned on and the
inductor current ramps up. When the inductor current hits
the peak buck current threshold commanded by VC volt-
age at buck current comparator A1 during (A+D) phase,
switch A is turned off and switch B is turned on for the
rest of the cycle. Switches A and B will alternate, behaving
like a typical synchronous buck regulator.
A
B
100% OFF
100% ON
C
D
A + D
B + D
A + D
B + D
IL
8350 F04
Figure 4. Peak-Buck in Buck Region (VIN >> VOUT)
A
B
20%
80%
80%
20%
C
D
B + D
A + D
A + D
A + C
A + C
B + D
IL
8350 F05
A
B
20%
80%
80%
20%
C
D
B + D
A + D
A + D
A + C
A + C
B + D
IL
8350 F06
Figure 5. Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
Figure 6. Peak-Boost in Buck-Boost Region (VIN <~ VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com