Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350RVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LT8350RVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350RVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8350RVPBF Datasheet HTML 5Page - Analog Devices LT8350RVPBF Datasheet HTML 6Page - Analog Devices LT8350RVPBF Datasheet HTML 7Page - Analog Devices LT8350RVPBF Datasheet HTML 8Page - Analog Devices LT8350RVPBF Datasheet HTML 9Page - Analog Devices LT8350RVPBF Datasheet HTML 10Page - Analog Devices LT8350RVPBF Datasheet HTML 11Page - Analog Devices LT8350RVPBF Datasheet HTML 12Page - Analog Devices LT8350RVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8350
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
LOADTG (Pin 22): High Side PMOS Load Switch Top Gate
Drive. The LOADTG pin produces a buffered and inverted
version of the LOADEN input signal and drives an external
high side PMOS load switch with a voltage swing from
the higher voltage between (VOUT−5V) and 1.2V to VOUT.
Leave this pin open if not used.
VOUT (Pin 24, 25): Power Output. The VOUT pins connect
to the power output of the converter, and also serve as
the positive rail for the LOADTG drive. Bypass this pin to
ground with a ceramic capacitor. The bypass capacitor
should be placed as close to the chip as possible with
vias directly down to the ground plane.
SW2 (Pin 27, 28): Boost Side Switch Node. The SW2 pins
connect to the internal power switches, and swing from
ground to a diode voltage above VOUT. Do not force any
voltage on these pins.
BST2 (Pin 29): Boost Side Bootstrap Floating Driver
Supply. The BST2 pin connects to an integrated bootstrap
diode from the INTVCC pin and supplies the boost side top
power switch gate driver. Place a 100nF bypass capacitor
to SW2 close to the package.
BST1 (Pin 30): Buck Side Bootstrap Floating Driver
Supply. The BST1 pin connects to an integrated bootstrap
diode from the INTVCC pin and supplies the buck side top
power switch gate driver. Place a 100nF bypass capacitor
to SW1 close to the package.
SW1 (Pin 31, 32): Buck Side Switch Node. The SW1 pins
connect to the internal power switches, and swing from a
diode voltage drop below ground up to VIN. Do not force
any voltage on these pins.
GND (Exposed Pad Pins 33, 34, 35, 36): Ground. Solder
the exposed pads directly to the ground plane.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB.
22nF capacitor is recommended on this pin. Any UVLO or
thermal shutdown immediately pulls SS pin to ground and
stops switching. Using a single resistor from SS to VREF,
the LT8350 can be set in three different fault modes dur-
ing output short-circuit fault condition: hiccup (no resis-
tor), latch-off (499k), and keep-running (100k). See more
details in the Applications Information section.
RT (Pin 18): Switching Frequency Setting. Connect a
resistor from this pin to ground to set the internal oscil-
lator frequency from 200kHz to 2MHz.
SYNC/MODE (Pin 19): External Switching Frequency
Synchronization and Operation Mode Selection. This
pin allows five selectable modes for optimization of
performance:
1. External Clock: For external frequency synchronization
and force continuous mode at light load.
2. INTVCC: For spread spectrum frequency modulation
and force continuous mode at light load.
3. VREF: For spread spectrum frequency modulation and
pulse-skipping mode at light load.
4. Float: For internal oscillator frequency and force con-
tinuous mode at light load.
5. GND: For internal oscillator frequency and pulse-skip-
ping mode at light load.
CLKOUT (Pin 20): Clock output. The CLKOUT pin provides
a 50% duty cycle square wave with 180 degrees out of
phase with the system clock. This allows synchronization
with other regulators. Float this pin if the CLKOUT func-
tion is not used.
EXTVCC (Pin 21): Second Input Supply for Powering
INTVCC. The part intelligently chooses either VIN or EXTVCC
for INTVCC LDO to improve efficiency. See EXTVCC con-
nection in the Applications Information section. Tie this
pin to GND if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com