Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 160 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 160 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 156Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 157Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 158Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 159Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 160Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 161Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 162Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 163Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 164Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 158
Preliminary
© 2006 Microchip Technology Inc.
14-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm Body (TSSOP)
L
β
c
φ
2
1
D
n
B
p
E1
E
α
A2
A1
A
8°
4°
0°
8°
4°
0°
φ
Foot Angle
β
Mold Draft Angle Bottom
12° REF
α
Mold Draft Angle Top
0.30
0.25
0.19
.012
.010
.007
B
Lead Width
0.20
0.15
0.09
.008
.006
.004
c
Lead Thickness
0.70
0.60
0.50
.028
.024
.020
L
Foot Length
5.10
5.00
4.90
.201
.197
.193
D
Molded Package Length
4.50
4.40
4.30
.177
.173
.169
E1
Molded Package Width
6.50
6.38
6.25
.256
.251
.246
E
Overall Width
0.15
0.10
0.05
.006
.004
.002
A1
Standoff
0.95
0.90
0.85
.037
.035
.033
A2
Molded Package Thickness
1.10
1.05
1.00
.043
.041
.039
A
Overall Height
0.65 BSC
.026 BSC
p
Pitch
14
14
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
JEDEC Equivalent: MO-153 AB-1
Revised: 08-17-05
* Controlling Parameter
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-087
12° REF
12° REF
12° REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com