Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 161 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 161 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 157Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 158Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 159Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 160Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 161Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 162Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 163Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 164Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 165Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 159
PIC16F616/16HV616
16-Lead Plastic Quad Flat No Lead Package (ML) 4x4x0.9 mm Body (QFN) – Saw Singulated
2
1
n
D
E
E2
D2
e
b
L
A
A3
EXPOSED
METAL
PAD
OPTIONAL
INDEX
AREA
TOP VIEW
BOTTOM VIEW
(NOTE 2)
(NOTE 1)
A1
K
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
JEDEC equivalent: M0-220 VGGC-3
See ASME Y14.5M
See ASME Y14.5M
* Controlling Parameter
Notes:
INCHES
NOM
.026 BSC
.008 REF
Number of Pins
Overall Height
Overall Width
Contact Width
Overall Length
Contact-to-Exposed Pad §
Exposed Pad Width
Exposed Pad Length
Contact Thickness
Pitch
Standoff
Units
Dimension Limits
e
E2
b
K
D2
D
A3
E
A1
A
.090**
.010
.008
.152
.090
.152
.000
.031
MIN
n
MIN
–
.157
.012
–
–
.035
.157
.001
.110
.014
.163
.110
–
.039
.163
.002
MAX
16
0.65 BSC
0.20 REF
2.29**
3.85
0.25
2.29
0.20
0.80
3.85
0.00
–
0.30
4.00
–
–
0.90
4.00
0.02
NOM
MILLIMETERS*
16
2.80
0.35
4.15
2.80
–
1.00
4.15
0.05
MAX
2. Exposed pad varies according to die attach paddle size.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
§ Significant Characteristic
Contact Length §
L
.012
.016
0.30
.020
0.40
0.50
** Outside JEDEC Specification
Drawing No. C04-127
Revised 09-13-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com