Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 163 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 163 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 159Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 160Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 161Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 162Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 163Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 164Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 165Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 166Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 167Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 161
PIC16F616/16HV616
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
APPENDIX B:
MIGRATING FROM
OTHER PICmicro®
DEVICES
This discusses some of the issues in migrating from
other PICmicro devices to the PIC16F6XX Family of
devices.
B.1
PIC16F676 to PIC16F616/16HV616
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F616/
16HV616
Max Operating Speed
20 MHz
20 MHz
Max Program
Memory (Words)
1024
2048
SRAM (bytes)
64
128
A/D Resolution
10-bit
10-bit
Timers (8/16-bit)
1/1
2/1
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RA0/1/2/4/5
RA0/1/2/4/5,
MCLR
Interrupt-on-change
RA0/1/2/3/4/5 RA0/1/2/3/4/5
Comparator
1
2
ECCP
N
Y
INTOSC Frequencies
4 MHz
8 MHz
Internal Shunt
Regulator
NY
(PIC16HV616)
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com