Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7/37
STA320
5.1 Configuration Register A (address 00h)
5.1.1 Master Clock Select
The STA320 will support sample rates of 32kHz, 44.1kHz, 48Khz, 88.2kHz, 96kHz, Therefore the internal clock
will be:
– 32.768Mhz for 32kHz
– 45.1584Mhz for 44.1khz, 88.2kHz and 176.4kHz
– 49.152Mhz for 48kHz, 96kHz, and 192kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample frequency(fs). The
relationship between the input clock and the input sample rate is determined by both the MCSx and the IR (Input
Rate) register bits. The MCSx bits determine the PLL factor generating the internal clock and the IR bit deter-
mine the oversampling ratio used internally.
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
0x1C
B2cf3
C2B7
C2B6
C2B5
C2B4
C2B3
C2B2
C2B1
C2B0
0x1D
A1cf1
C3B23
C3B22
C3B21
C3B20
C3B19
C3B18
C3B17
C3B16
0x1E
A1cf2
C3B15
C3B14
C3B13
C3B12
C3B11
C3B10
C3B9
C3B8
0x1F
A1cf3
C3B7
C3B6
C3B5
C3B4
C3B3
C3B2
C3B1
C3B0
0x20
A2cf1
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
0x21
A2cf2
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
0x22
A2cf3
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
0x23
B0cf1
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
0x24
B0cf2
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
0x25
B0cf3
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
0x26
Cfud
RA
R1
WA
W1
0x27
MPCC1
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
0x28
MPCC2
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
0x29
DCC1
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
0x2A
DCC2
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
0x2B
FDRC1
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
0x2C
FDRC2
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
0x2D
Status
PLLUL
OCWARN TFAULT
FAULT
TWARN
0x2E
BC0
RESRES
RESRES
RESRES
RES
RES
0x2F
BS0
RESRES
RESRES
RESRES
BS9
BS8
0x30
BS1
RESRES
RESRES
RESRES
RES
RES
0x31
B1
RESRES
RESRES
RESRES
RES
RES
0x32
B2
RESRES
RESRES
RESRES
RES
RES
0x33
T
RESRES
RESRES
RESRES
RES
RES
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TFRB
IR1
IR0
MCS2
MCS1
MCS0
0
1
1
000
11
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
1
MCS0
Master Clock Select : Selects the ratio between the input
I2S sample frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2
Table 8. Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com