Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 2 Page - STMicroelectronics

  STA320 Datasheet HTML 1Page - STMicroelectronics STA320 Datasheet HTML 2Page - STMicroelectronics STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
STA320
2/37
Figure 2. PIN CONNECTION (Top view)
Table 2. ABSOLUTE MAXIMUM RATINGS
Table 3. THERMAL DATA
Table 4. RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
3.3V I/O Power Supply
-0.5 to 4
V
VDDA
3.3V Logic Power Supply
-0.5 to 4
V
Vi
Voltage on input pins
-0.5 to (VDD+0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD+0.3)
V
Tstg
Storage Temperature
-40 to +150
°C
Tamb
Ambient Operating Temperature
-20 to +85
°C
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance Junction to Ambient
85
°C/W
Symbol
Parameter
Value
Unit
VDD
I/O Power Supply
3.0 to 3.6
V
VDDA
Logic Power Supply
3.0 to 3.6
V
Tj
Operating Junction Temperature
-20 to +125
°C
SA
DDX1A
DDX1B
DDX2A
DDX2B
SCL
RESET
SDA
RESERVED
PWDN
DDX3A
DDX3B
TRI-STATE
EAPD
OCDETECT
FAULT
TWARN
GND
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
FILTER_PLL
Vdd
D04AU1550
XTI
GNDA
VddA
BICKI
GND
Vdd
11
12
13
18
16
17
15
14
SDI_12
LRCKI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com