Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 25Page - STMicroelectronics STA320 Datasheet HTML 26Page - STMicroelectronics STA320 Datasheet HTML 27Page - STMicroelectronics STA320 Datasheet HTML 28Page - STMicroelectronics STA320 Datasheet HTML 29Page - STMicroelectronics STA320 Datasheet HTML 30Page - STMicroelectronics STA320 Datasheet HTML 31Page - STMicroelectronics STA320 Datasheet HTML 32Page - STMicroelectronics STA320 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29/37
STA320
5.14.18Reading a coefficient from RAM
■ write 6-bits of address to I
2C register 14h
■ write 1 to R1 bit in I
2C address 24h
■ read top 8-bits of coefficient in I
2C address 15h
■ read middle 8-bits of coefficient in I
2C address 16h
■ read bottom 8-bits of coefficient in I
2C address 17h
5.14.19Reading a set of coefficients from RAM
■ write 6-bits of address to I
2C register 14h
■ write 1 to RA bit in I
2C address 24h
■ read top 8-bits of coefficient in I
2C address 15h
■ read middle 8-bits of coefficient in I
2C address 16h
■ read bottom 8-bits of coefficient in I
2C address 17h
■ read top 8-bits of coefficient b2 in I
2C address 18h
■ read middle 8-bits of coefficient b2 in I
2C address 19h
■ read bottom 8-bits of coefficient b2 in I
2C address 1Ah
■ read top 8-bits of coefficient a1 in I
2C address 1Bh
■ read middle 8-bits of coefficient a1 in I
2C address 1Ch
■ read bottom 8-bits of coefficient a1 in I
2C address 1Dh
■ read top 8-bits of coefficient a2 in I
2C address 1Eh
■ read middle 8-bits of coefficient a2 in I
2C address 1Fh
■ read bottom 8-bits of coefficient a2 in I
2C address 20h
■ read top 8-bits of coefficient b0 in I
2C address 21h
■ read middle 8-bits of coefficient b0 in I
2C address 22h
■ read bottom 8-bits of coefficient b0 in I
2C address 23h
5.14.20Writing a single coefficient to RAM
■ write 6-bits of address to I
2C register 14h
■ write top 8-bits of coefficient in I
2C address 15h
■ write middle 8-bits of coefficient in I
2C address 16h
■ write bottom 8-bits of coefficient in I
2C address 17h
■ write 1 to W1 bit in I
2C address 24h
5.14.21Writing a set of coefficients to RAM
■ write 6-bits of starting address to I
2C register 14h
■ write top 8-bits of coefficient b1 in I
2C address 15h
■ write middle 8-bits of coefficient b1 in I
2C address 16h
■ write bottom 8-bits of coefficient b1 in I
2C address 17h
■ write top 8-bits of coefficient b2 in I
2C address 18h
■ write middle 8-bits of coefficient b2 in I
2C address 19h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com