Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11/37
STA320
5.2.4 Channel Input Mapping
Each channel received via I2S can be mapped to any internal processing channel via the Channel Input
Mapping registers. This allows for flexibility in processing. The default settings of these registers map each
I2S input channel to its corresponding processing channel.
5.3 Configuration Register C(Address 02h)
5.3.1 DDX Power Output Mode
The DDX Power Output Mode selects how the DDX output timing is configured. Different power devices use
different output modes. The STA50x or STA51x recommended use is OM = 10.
Table 13. Output Modes
5.3.2 DDX Compensating Pulse Size Register
Table 14. Compensating Pulse Size
BIT
R/W
RST
NAME
DESCRIPTION
6R/W
0
C1IM
0 – Processing channel 1 receives Left I2S Input
1 – Processing channel 1 receives Right I2S Input
7R/W
1
C2IM
0 – Processing channel 2 receives Left I2S Input
1 – Processing channel 2 receives Right I2S Input
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
10000
1
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
OM0
DDX Power Output Mode: Selects configuration of DDX
output.
1R/W
1
OM1
OM(1,0)
Output Stage – Mode
00
STA50x/STA51x – Drop Compensation
01
Discrete Output Stage – Tapered Compensation
10
STA50x/STA51x – Full Power Mode
11
Variable Drop Compensation (CSZx bits)
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
CSZ0
Contra Size Register: When OM(1,0) = 11, this register
determines the size of the DDX compensating pulse from 0
clock ticks to 31 clock periods.
3R/W
0
CSZ1
4R/W
0
CSZ2
5R/W
0
CSZ3
6R/W
1
CSZ4
CSZ(4..0)
Compensating Pulse Size
00000
0ns(0 tick) Compensating Pulse Size
00001
10ns(1 tick) Clock period Compensating Pulse Size
……
11111
310ns(31 tick) Clock period Compensating Pulse Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com