Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics STA320 Datasheet HTML 20Page - STMicroelectronics STA320 Datasheet HTML 21Page - STMicroelectronics STA320 Datasheet HTML 22Page - STMicroelectronics STA320 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19/37
STA320
Table 20. Automode Gain Compression/Limiters Selection
5.8.2
5.8.3 AutoMode Register 2(Address 0x0C)
5.8.4 AM Interference Frequency Switching
Table 21. AutoMode AM Switching Frequency Selection
5.8.5 Bass Management Crossover
AMGC(1...0)
Mode
00
User Programmable GC
01
AC No Clipping 2.1
10
AC Limited Clipping (10%) 2.1
11
DRC Nighttime Listening Mode 2.1
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
AMPS
AutoMode Pre-Scale
0 - User Defined Pre-scale when AMEQ /= 00
1 - -18dB used for Pre-scale when AMEQ /= 00
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
000000
00
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AMAME
AutoMode AM Enable
0 - Switching Frequency Determined by PWMS Setting
1 - Switching Frequency Determined by AMAM Settings
AMAM(2..0)
48kHz/96kHz Input Fs
44.1kHz/88.2kHz Input Fs
000
0.535MHz – 0.720MHz
0.535MHz – 0.670Mhz
001
0.721MHz – 0.900MHz
0.671MHz – 0.800MHz
010
0.901MHz – 1.100MHz
0.801MHz – 1.000MHz
011
1.101MHz – 1.300MHz
1.001MHz – 1.180MHz
100
1.301MHz – 1.480MHz
1.181MHz – 1.340Mhz
101
1.481MHz – 1.600MHz
1.341MHz – 1.500MHz
110
1.601MHz – 1.700MHz
1.501MHz – 1.700MHz
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
XO0
Selects the Bass-Management Crossover Frequency. A 1st-Order
Hi-Pass filter (channels 1 and 2) or a 2nd-Order Lo-pass filter
(channel 3) at the selected frequency is performed.
5R/W
0
XO1
6R/W
0
XO2
7R/W
0
XO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com