Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13/37
STA320
5.4.5 Biquad Coefficient Link
For ease of use, all channels can use the biquad coefficients loaded into the Channel 1 Coefficient RAM
space by setting the BQL bit to 1. Therefore, any EQ updates only have to be performed once.
5.4.6 Dynamic Range Compression/Anti-Clipping Bit
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression. When used in anti-
clipping mode the limiter threshold values are constant and dependent on the limiter settings.
In dynamic range compression mode the limiter threshold values vary with the volume settings allowing a night-
time listening mode that provides a reduction in the dynamic range regardless of the volume level.
5.4.7 Zero-Detect Mute Enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at the data for
each processing channel at the output of the crossover (bass management) filter. If any channel receives
2048 consecutive zero value samples (regardless of fs) then that individual channel is muted if this func-
tion is enabled
5.4.8 Miami ModeTM Enable
5.5 Configuration Register E(Address 04h)
5.5.1 Max Power Correction Variable
5.5.2 Max Power Correction
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
BQL
Biquad Link:
0 - Each Channel uses coefficient values
1 - Each Channel uses Channel 1 coefficient values
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
DRC
Dynamic Range Compression/Anti-Clipping
0 – Limiters act in Anti-Clipping Mode
1 – Limiters act in Dynamic Range Compression Mode
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZDE
Zero-Detect Mute Enable: Setting of 1 enables the automatic
zero-detect mute
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
MME
Miami-Mode Enable:
0 - Sub Mix into Left/Right Disabled
1 - Sub Mix into Left/Right Enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
110000
10
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
MPCV
Max Power Correction Variable:
0 - Use Standard MPC Coefficient
1 - Use MPCC bits for MPC Coefficient
BIT
R/W
RST
NAME
DESCRIPTION
1
R/W
1
MPC
Max Power Correction: Setting of 1 enables
STA50x/STA51x correction for THD reduction near maximum
power output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com