Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics STA320 Datasheet HTML 20Page - STMicroelectronics STA320 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17/37
STA320
5.7.5 Master Volume Register
5.7.6 Channel 1 Volume
5.7.7 Channel 2 Volume
5.7.8 Channel 3 Volume
The Volume structure of the STA320 consists of individual volume registers for each channel and a master
volume register that provides an offset to each channels volume setting. The individual channel volumes
are adjustable in 0.5dB steps from +48dB to -80 dB.
As an example if C3V = 00h or +48dB and MV = 18h or -12dB, then the total gain for channel 3 = +36dB.
The Master Mute when set to 1 will mute all channels at once, whereas the individual channel mutes(CxM)
will mute only that channel.
Both the Master Mute and the Channel Mutes provide a "soft mute" with the volume ramping down to mute
in 4096 samples from the maximum volume setting at the internal processing rate(~96kHz). A "hard mute"
can be obtained by commanding a value of all 1's(255) to any channel volume register or the master vol-
ume register. When volume offsets are provided via the master volume register any channel that whose
total volume is less than -80dB will be muted.
All changes in volume take place at zero-crossings when ZCE = 1(configuration register F) on a per chan-
nel basis as this creates the smoothest possible volume transitions. When ZCE=0, volume updates will
occur immediately.
Table 16. Master Volume Offset as a function of MV(7..0).
D7
D6
D5
D4
D3
D2
D1
D0
MV7MV6
MV5
MV4
MV3MV2
MV1MV0
111111
11
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
011000
00
D7
D6
D5
D4
D3
D2
D1
D0
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
011000
00
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
011000
00
MV(7..0)
Volume Offset from Channel Value
00000000(00h)
0dB
00000001(01h)
-0.5dB
00000010(02h)
-1dB
……
01001100(4Ch)
-38dB
……
11111110(FEh)
-127dB
11111111(FFh)
Hard Master Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com