Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9/37
STA320
5.1.4 Thermal Warning Adjustable Bypass
The on-chip STA320 Power Output block provides feedback to the digital controller using inputs to the
Power Control block. The TWARN input is used to indicate a thermal warning condition.
When TWARN is asserted (set to 0) for a period of time greater than 400ms, the power control block will
force a -3dB adjustment to the modulation limit in an attempt to eliminate the thermal warning condition.
Once the thermal warning volume adjustment is applied, it remains in this state until reset.
5.1.5 hermal Warning Adjustable Bypass
The on-chip STA320 Power Output block provides feedback to the digital controller using inputs to the
Power Control block. The FAULT input is used to indicate a fault condition (either over-current or thermal).
When FAULT is asserted (set to 0), the power control block will attempt a recovery from the fault by as-
serting the tri-state output (setting it to 0 which directs the power output block to begin recovery), hold it at
0 for period of time in the range of .1ms to 1 second as defined by the Fault-Detect Recovery Constant
register (FDRC registers 29-2Ah), then toggle it back to 1. This sequence is repeated as log as the fault
indication exists. This feature is enabled by default but can be bypassed by setting the FDRB control bit
to 1.
5.2 Configuration Register B(Address 01h)
5.2.1 Serial Data Interface Format
5.2.2 Serial Data Interface
The STA320 audio serial input was designed to interface with standard digital audio components and to
accept a number of serial data formats. STA320 always acts a slave when receiving audio input from stan-
dard digital audio components. Serial data for two channels is provided using 3 inputs: left/right clock LRC-
KI, serial clock BICKI, and serial data 1 & 2 SDI12.
The SAI register (Configuration Register B - 01h, Bits D3-D0) and the SAIFB register (Configuration Reg-
ister B - 01h, Bit D4) are used to specify the serial data format. The default serial data format is I2S, MSB-
First. Available formats are shown in the tables and figure that follow.
Table 11. Serial Data First Bit
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
TWAB
Thermal-Warning Recovery Bypass:
0 - Thermal warning Recovery enabled
1 - Thermal warning Recovery disabled
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
FDRB
Fault -Detector Recovery Bypass:
0 - Fault Detector Recovery enabled
1 - Fault Detector Recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
100000
00
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
SAI0
Serial Audio Input Interface Format: Determines the interface
format of the input serial digital audio interface.
1R/W
0
SAI1
2R/W
0
SAI2
3R/W
0
SAI3
SAIFB
Format
0MSB-First
1LSB-First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com