Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 22Page - STMicroelectronics STA320 Datasheet HTML 23Page - STMicroelectronics STA320 Datasheet HTML 24Page - STMicroelectronics STA320 Datasheet HTML 25Page - STMicroelectronics STA320 Datasheet HTML 26Page - STMicroelectronics STA320 Datasheet HTML 27Page - STMicroelectronics STA320 Datasheet HTML 28Page - STMicroelectronics STA320 Datasheet HTML 29Page - STMicroelectronics STA320 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
STA320
26/37
5.13 Dynamic Range Compression Mode
Table 30. Limiter Attack Threshold as a function of LxAT bits (DRC-Mode).
Table 31. Limiter Release Threshold as a as a function of LxRT bits (DRC-Mode).
LxAT(3..0)
DRC(dB relative to Volume)
0000
-31
0001
-29
0010
-27
0011
-25
0100
-23
0101
-21
0110
-19
0111
-17
1000
-16
1001
-15
1010
-14
1011
-13
1100
-12
1101
-10
1110
-7
1111
-4
LxRT(3..0)
DRC(db relative to Volume + LxAT)
0000
-
∞
0001
-38dB
0010
-36dB
0011
-33dB
0100
-31dB
0101
-30dB
0110
-28dB
0111
-26dB
1000
-24dB
1001
-22dB
1010
-20dB
1011
-18dB
1100
-15dB
1101
-12dB
1110
-9dB
1111
-6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com