Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 10Page - STMicroelectronics STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
STA320
14/37
Setting the MPC bit turns on special processing that corrects the STA50x/STA51x power device at high power.
This mode should lower the THD+N of a full STA50x/STA51x DDX system at maximum power output and slight-
ly below. If enabled, MPC is operational in all output modes except tapered (OM(1,0) = 01).
5.5.3 Noise-Shaper Bandwidth Selection
5.5.4 AM Mode Enable
The STA320 features a DDX processing mode that minimizes the amount of noise generated in frequency range
of AM radio. This mode is intended for use when DDX is operating in a device with an AM tuner active.
The SNR of the DDX processing is reduced to ~83dB in this mode, which is still greater than the SNR of AM
radio.
5.5.5 PWM Speed Mode
5.5.6 Distortion Compensation Variable Enable
5.5.7 Zero-Crossing Volume Enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital zero-crossings no
clicks will be audible.
5.5.8 Soft Volume Enable
5.6 Configuration Register F(Address 05h)
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
NSBW
Noise-Shaper Bandwidth Selection:
1 - 3rd order NS
0 - 4th order NS
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
AME
AM Mode Enable:
0 - Normal DDX operation.
1 - AM reduction mode DDX operation
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
PWMS
PWM Speed Selection:
0 - Normal Speed(384kHz) All Channels
1 - Odd Speed(341.3kHz) All Channels
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
DCCV
Distortion Compensation Variable Enable:
0 - Uses Preset DC Coefficient.
1 - Uses DCC Coefficient.
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZCE
Zero-Crossing Volume Enable:
1 - Volume adjustments will only occur at digital zero-crossings
0 - Volume adjustments will occur immediately
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
SVE
Soft Volume Enable:
1 - Volume adjustments ramp according to SVR settings
0 - Volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1P
OCFG0
010111
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com