Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 24Page - STMicroelectronics STA320 Datasheet HTML 25Page - STMicroelectronics STA320 Datasheet HTML 26Page - STMicroelectronics STA320 Datasheet HTML 27Page - STMicroelectronics STA320 Datasheet HTML 28Page - STMicroelectronics STA320 Datasheet HTML 29Page - STMicroelectronics STA320 Datasheet HTML 30Page - STMicroelectronics STA320 Datasheet HTML 31Page - STMicroelectronics STA320 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
STA320
28/37
5.14.10Coefficient a1 Data Register Bits 7..0
5.14.11Coefficient a2 Data Register Bits 23..16
5.14.12Coefficient a2 Data Register Bits 15..8
5.14.13Coefficient a2 Data Register Bits 7..0
5.14.14Coefficient b0 Data Register Bits 23..16
5.14.15Coefficient b0 Data Register Bits 15..8
5.14.16Coefficient b0 Data Register Bits 7..0
5.14.17Coefficient Write Control Register
Coefficients for user-defined EQ, Mixing, Scaling, and Bass Management are handled internally in the STA320
via RAM. Access to this RAM is available to the user via an I2C register interface. A collection of I2C registers
are dedicated to this function.
One contains a coefficient base address, five sets of three store the values of the 24-bit coefficients to be written
or that were read, and one contains bits used to control the write/read of the coefficient(s) to/from RAM. The
following are instructions for reading and writing coefficients.
D7
D6
D5
D4
D3
D2
D1
D0
C3B7
C3B6
C3B5
C3B4
C3B3
C3B2
C3B1
C3B0
0
0
0
000
00
D7
D6
D5
D4
D3
D2
D1
D0
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
000000
00
D7
D6
D5
D4
D3
D2
D1
D0
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
00
000
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
0
0
0
000
00
D7
D6
D5
D4
D3
D2
D1
D0
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
000000
00
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
00
000
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
0
0
0
000
00
D7
D6
D5
D4
D3
D2
D1
D0
RA
R1
WA
W1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com