Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 1 Page - STMicroelectronics

  STA320 Datasheet HTML 1Page - STMicroelectronics STA320 Datasheet HTML 2Page - STMicroelectronics STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
STA320
November 2005
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
■ 2.1 Channels of 24-bit DDX
TM
■ >100dB SNR and Dynamic Range
■ Selectable 32kHz-192kHz Input Sample Rates
■ I
2C control with Selectable Device Address
■ Digital Gain/Attenuation +48dB to -90dB in
0.5dB steps
■ Soft Volume Update
■ Individual Channel and Master Gain/
Attenuation
■ Dual Independent Limiters/Compressors
■ Dynamic Range Compression or Anti-Clipping
Modes
■ AutoModes
TM:
– 7 Preset Crossover filters
– 32 Preset EQ Settings
– Auto Volume Controlled Loudness
– 3 Preset Volume Curves
– 2 Preset Anti-Clipping Modes
– Preset Nighttime Listening Mode
– Preset TV AGC
■ Individual Channel and Master Soft and Hard
Mute
■ Independent Channel Volume and DSP Bypass
■ Automatic Zero-Detect Mute
■ Automatic Invalid Input Detect Mute
■ 2-Channel I
2S Input Data Interface
■ Input and Output Channel Mapping
■ 4 28-bit User Programmable Biquads (EQ) per
channel
■ Bass/Treble Tone Control
■ DC Blocking Selectable High-Pass Filter
■ Selectable De-emphasis
■ Post-EQ User Programmable mix
■ User Programmable 2.1 Bass Management
■ Sub Channel Mix into Left and Right Channels
■ Advanced AM Interference Frequency
Switching and Noise Suppression Modes
■ Selectable High or Low Bandwidth Noise
Shaping Topologies
■ Variable Max Power Correction for lower full-
power THD
■ 3 or 4 Output Routing Configurations
■ Selectable Clock Input Ratio
■ 96kHz Internal Processing Sample Rate, 24 to
28-bit precision
2
DESCRIPTION
The STA320 is a single chip solution for digital audio
processing and control in 2.1-channel applications. It
provides output capabilities for DDXTM (Direct Digital
Amplification). In conjunction with a DDXTM power
device, it provides high-quality, high-efficiency, all
digital amplification.
2.1 MULTICHANNELS DIGITAL AUDIO
PROCESSOR WITH DDX™
REV. 1
Figure 1. Package
Table 1. Order Code
Part Number
Package
STA320
SO28
SO28


Similar Part No. - STA320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
4-channel digital audio system with FFX??driver
30-Oct-2009
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
STA321MPL1TR STMICROELECTRONICS-STA321MPL1TR Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
More results

Similar Description - STA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
Digital Audio Processor With Codec
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
STMicroelectronics
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
logo
Texas Instruments
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Princeton Technology Co...
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
2.1 Channel Audio Processor with Subwoofer Out
logo
STMicroelectronics
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
DIgital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com