Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 29Page - STMicroelectronics STA320 Datasheet HTML 30Page - STMicroelectronics STA320 Datasheet HTML 31Page - STMicroelectronics STA320 Datasheet HTML 32Page - STMicroelectronics STA320 Datasheet HTML 33Page - STMicroelectronics STA320 Datasheet HTML 34Page - STMicroelectronics STA320 Datasheet HTML 35Page - STMicroelectronics STA320 Datasheet HTML 36Page - STMicroelectronics STA320 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33/37
STA320
5.15 Variable Max Power Correction Registers (Addresses 27-29h):
MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This coefficient is used in place of the
default coefficient when MPCV = 1
5.15.1.
5.15.2
5.16 Fault Detect Recovery Constant Registers(Addresses 2B-2Ch)
FDRC bits specify the 16-bit Fault Detect Recovery time delay. When FAULT is asserted, the TRISTATE output
will be immediately asserted lo and held lo for the time period specified by this constant. A constant value of
0001h in this register is ~.083ms. The default value of 000C specifies ~.1mSec.
5.16.1
5.16.2
5.17 Device Status Register(Address 2Dh)
This register provides Fault and Thermal-Warning status information from the power control block.
5.18 Reserved Registers(Address 2Fh)
5.19 Reserved Registers(Addresses 30h-31h)
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
00
10
11
0
1
D7
D6
D5
D4
D3
D2
D1
D0
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
11000000
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00000000
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00001100
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
OCWARN
TFAULT
FAULT
TWARN
11
11
D7
D6
D5
D4
D3
D2
D1
D0
RESRES
RESRES
RESRES
RESRES
011100
00
D7
D6
D5
D4
D3
D2
D1
D0
RESRES
RESRES
RESRES
RES
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com