Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 3 Page - STMicroelectronics

  STA320 Datasheet HTML 1Page - STMicroelectronics STA320 Datasheet HTML 2Page - STMicroelectronics STA320 Datasheet HTML 3Page - STMicroelectronics STA320 Datasheet HTML 4Page - STMicroelectronics STA320 Datasheet HTML 5Page - STMicroelectronics STA320 Datasheet HTML 6Page - STMicroelectronics STA320 Datasheet HTML 7Page - STMicroelectronics STA320 Datasheet HTML 8Page - STMicroelectronics STA320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3/37
STA320
Table 5. PIN FUNCTION
Pin N`
Name
Type
Description
Pad Type
1
SA
I
I²C Address selector
CMOS Input Buffer with Pull-Down
2
DDX1A
O
Channel 1 DDX Output A
3.3V Capable TTL 4mA Output Buffer
3
DDX1B
O
Channel 1 DDX Output B
3.3V Capable TTL 4mA Output Buffer
4
DDX2A
O
Channel 2 DDX Output A
3.3V Capable TTL 4mA Output Buffer
5
DDX2B
O
Channel 2 DDX Output B
3.3V Capable TTL 4mA Output Buffer
6
RESET
I
Global reset (active low)
5V Tolerant TTL Schmitt Trigger Input
Buffer
7
SCL
I
I²C Serial Clock
5V Tolerant TTL Schmitt Trigger Input
Buffer
8
SDA
I/O
I²C Serial Data
Bidirectional Buffer: 5V Tolerant TTL
Schmitt
Trigger Input; 3.3V Capable 2mA
Slew-rate
controlled Output.
9
RESERVED
--
Test pin to be externally connected
to Ground
10
FILTER_PLL
I
Connection to PLL_filter
Analog Pad
11
XTI
I
PLL Input clock
5V Tolerant TTL Schmitt Trigger Input
Buffer
12
GNDA
Analog Ground
Analog Ground
13
VddA
3.3V Analog Power Supply Voltage
3.3V Analog Power Supply Voltage
14
SDI_12
I
I²S Serial Data Channels 1 & 2
5V Tolerant TTL Input Buffer
15
LRCKI
I
I²S Left/Right Clock
5V Tolerant TTL Input Buffer
16
BICKI
I
I²S Serial Clock
5V Tolerant TTL Input Buffer
17
GND
I/O
Digital Ground
Digital Ground
18
Vdd
I/O
3.3V Digital Power Supply Voltage
3.3V Digital Power Supply Voltage
19
Vdd
I/O
3.3V Digital Power Supply Voltage
3.3V Digital Power Supply Voltage
20
PWDN
I
Device Powerdown
5V Tolerant TTL Schmitt Trigger Input
Buffer
21
DDX3A
O
Channel 3 DDX Output A
3.3V Capable TTL 4mA Output Buffer
22
DDX3B
O
Channel 3 DDX Output B
3.3V Capable TTL 4mA Output Buffer
23
EAPD
O
External Amp Power Down
3.3V Capable TTL 4mA Output Buffer
24
TRI-STATE
O
Tri-state output to Power block
3.3V Capable TTL 4mA Output Buffer
25
OCDETECT
I
Over-current Indicator
5V Tolerant TTL Input Buffer
26
FAULT
I
Power Fault Indicator
5V Tolerant TTL Input Buffer
27
TWARN
I
Thermal Warning Indicator
5V Tolerant TTL Input Buffer
28
GND
I/O
Digital Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com