Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 26Page - STMicroelectronics STA320 Datasheet HTML 27Page - STMicroelectronics STA320 Datasheet HTML 28Page - STMicroelectronics STA320 Datasheet HTML 29Page - STMicroelectronics STA320 Datasheet HTML 30Page - STMicroelectronics STA320 Datasheet HTML 31Page - STMicroelectronics STA320 Datasheet HTML 32Page - STMicroelectronics STA320 Datasheet HTML 33Page - STMicroelectronics STA320 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
STA320
30/37
■ write bottom 8-bits of coefficient b2 in I
2C address 1Ah
■ write top 8-bits of coefficient a1 in I
2C address 1Bh
■ write middle 8-bits of coefficient a1 in I
2C address 1Ch
■ write bottom 8-bits of coefficient a1 in I
2C address 1Dh
■ write top 8-bits of coefficient a2 in I
2C address 1Eh
■ write middle 8-bits of coefficient a2 in I
2C address 1Fh
■ write bottom 8-bits of coefficient a2 in I
2C address 20h
■ write top 8-bits of coefficient b0 in I
2C address 21h
■ write middle 8-bits of coefficient b0 in I
2C address 22h
■ write bottom 8-bits of coefficient b0 in I
2C address 23h
■ write 1 to WA bit in I
2C address 24h
The mechanism for writing a set of coefficients to RAM provides a method of updating the five coefficients cor-
responding to a given biquad (filter) simultaneously to avoid possible unpleasant acoustic side-effects. When
using this technique, the 6-bit address would specify the address of the biquad b1 coefficient (e.g. 0, 5, 10, …,
20, … 35 decimal), and the STA320 will generate the RAM addresses as offsets from this base value to write
the complete set of coefficient data.
5.14.22User-Defined EQ
The STA320 provides the ability to specify four EQ filters (biquads) per each of the two input channels. The bi-
quads use the following equation:
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] - 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input. Multipliers are 24-bit signed fractional multipli-
ers, with coefficient values in the range of 800000h (-1) to 7FFFFFh (0.9999998808).
Coefficients stored in the User Defined Coefficient RAM are referenced in the following manner:
CxHy0 = b1/2
CxHy1 = b2
CxHy2 = -a1/2
CxHy3 = -a2
CxHy4 = b0/2
where x represents the channel and the y the biquad number. For example C2H41 is the b2 coefficient in the
fourth biquad for channel 2.
Additionally, the STA320 allows specification of a high-pass filter (processing channels 1 and 2) and a lo-pass
filter (processing channel 3) to be used for bass-management crossover when the XO setting is "000" (user-
defined).
Both of these filters when defined by the user (rather than using the preset crossover filters) are 2nd order filters
that use the biquad equation noted above. They are loaded into the C12H0-4 and C3Hy0-4 areas of RAM noted
in the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com