Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics STA320 Datasheet HTML 20Page - STMicroelectronics STA320 Datasheet HTML 21Page - STMicroelectronics STA320 Datasheet HTML 22Page - STMicroelectronics STA320 Datasheet HTML 23Page - STMicroelectronics STA320 Datasheet HTML 24Page - STMicroelectronics STA320 Datasheet HTML 25Page - STMicroelectronics STA320 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
STA320
22/37
Table 24. Channel Limiter Mapping as a function of CxLS bits
5.9.8 Output Mapping
Output mapping can be performed on a per channel basis according to the CxOM channel output mapping
bits. Each input into the output configuration engine can receive data from any of the three processing
channel outputs.
Table 25. Channel Output Mapping as a function of CxOM bits.
5.10 Tone Control register (Address 11h)
5.10.1Tone Control
5.10.2Tone Control Boost/Cut as a function of BTC and TTC bits.
5.11 Dynamics Control Registers (Addresses 12-15h)
5.11.1Limiter 1 Attack/Release Rate
CxLS(1,0)
Channel Limiter Mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
CxOM(1,0)
Channel x Output Source Form
00
Channel 1
01
Channel 2
10
Channel 3
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
0111
0
1
1
1
BTC(3..0)/TTC(3..0)
Boost/Cut
0000
-12dB
0001
-12dB
……
0111
-4dB
0110
-2dB
0111
0dB
1000
+2dB
1001
+4dB
……
1101
+12dB
1110
+12dB
1111
+12dB
D7
D6
D5
D4
D3
D2
D1
D0
L1A3
L1A2
L1A1
L1A0
L1R3
L1R2
L1R1
L1R0
0110
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com