Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics STA320 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
STA320
16/37
5.6.6 IC Power Down
The PWDN register is used to place the IC in a low-power state. When PWDN is written as 0, the output
will begin a soft-mute.
After the mute condition is reached, EAPD will be asserted to power down the power-stage, then the mas-
ter clock to all internal hardware expect the I2C block will be gated. This places the IC in a very low power
consumption stateConf
5.6.7 External Amplifier Power Down
5.7 Volume Control Registers(Addresses 06-0Ah)
5.7.1 Mute/QXpander RegisterI
5.7.2 Thermal Fault(TWARN2) Recovery Bypass
The TWARN2(Thermal Fault) input is used to indicate a thermal fault condition by an appropriate power
device. When TWARN2 is asserted (set to 0), the power control block will attempt a recovery from the
fault by asserting the tri-state output (setting it to 0 which directs the power output block to begin recovery),
hold it at 0 for period of time in the range of .1ms to 1 second as defined by the Fault-Detect Recovery
Constant register (FDRC registers 29-2Ah), then toggle it back to 1.
This sequence is repeated as log as the fault indication exists. This feature is disabled by default but can
be enabled by setting the TFRB control bit to 0.
5.7.3 Qxpander Enable
5.7.4 Qfilter Select
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
PWDN
IC Power Down:
0 - IC Power Down Low-Power Condition
1 - IC Normal Operation
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
EAPD
External Amplifier Power Down:
0 -External Power Stage Power Down Active
1 -Normal Operation
D7
D6
D5
D4
D3
D2
D1
D0
QFILT
QXEN
TFRB
C3M
C2M
C1M
MMUTE
00
100
0
00
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
1
TFRB
Thermal-Fault (TWARN2) Recovery Bypass:
0 - Thermal fault recovery enabled
1 - Thermal fault recovery disabled
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
0
QXEN
Qxpander Enable:
0 - QXPander Disabled
1 - QXPander Enabled with proper security code
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
QFilt
Qfilter Select
0 - Qfilter Used
1 - Simple LPF Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com