Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics STA320 Datasheet HTML 20Page - STMicroelectronics STA320 Datasheet HTML 21Page - STMicroelectronics STA320 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
STA320
18/37
Table 17. Channel Volume as a function of CxV(7..0)
5.8 Auto Mode Registers
5.8.1 AutoMode Register 1(Address 0x0B)
Table 18. AutoMode EQ Settings
By setting AMEQ to any setting other than 00 enables AutoMode EQ. When set, biquads 1-4 are not user
programmable. Any coefficient settings for these biquads will be ignored. Also when AutoMode EQ is used
the pre-scale value for channels 1-6 becomes hard-set to -18dB, dependent upon the value of AMPS
Table 19. AutoMode Volume Settings
CxV(7..0)
Volume
00000000(00h)
+48dB
00000001(01h)
+47.5dB
00000010(02h)
+47dB
……
01100001(5Fh)
+0.5dB
01100000(60h)
0dB
01011111(61h)
-0.5dB
……
11010111(D7h)
+59.5dB
11011000(D8h)
-60dB
11011001(D9h)
-61dB
11011010(DAh)
-62dB
……
11101100(ECh)
-80 dB
11101101(EDh)
Hard Channel Mute
……
11111111(FFh)
Hard Channel Mute
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
AMGC1
AMGC2
AMV2
AMV1
AMEQ1
AMEQ0
1
0000
00
AMEQ(1,0)
Mode(Biquad 2-6)
00
User Programmable
01
Preset EQ – PEQ bits
10
Auto Volume Controlled Loudness Curve
11
NA
AMV(1,0)
Mode(MVOL)
00
MVOL 0.5dB 256 Steps (Standard)
01
MVOL Auto Curve 30 Steps
10
MVOL Auto Curve 40 Steps
11
MVOL Auto Curve 50 Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com