Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA320 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA320
Description  2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA320 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA320 Datasheet HTML 11Page - STMicroelectronics STA320 Datasheet HTML 12Page - STMicroelectronics STA320 Datasheet HTML 13Page - STMicroelectronics STA320 Datasheet HTML 14Page - STMicroelectronics STA320 Datasheet HTML 15Page - STMicroelectronics STA320 Datasheet HTML 16Page - STMicroelectronics STA320 Datasheet HTML 17Page - STMicroelectronics STA320 Datasheet HTML 18Page - STMicroelectronics STA320 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
15/37
STA320
5.6.1 Output Configuration
Table 15. Output Configuration Engine Selection
5.6.2 Invalid Input Detect Mute Enable
Setting the IDE bit enables this function, which looks at the input I2S data and will automatically mute if the sig-
nals are perceived as invalid.
5.6.3
Detects loss of input MCLK in binary mode and will output 50% duty cycle.
5.6.4
Actively prevents double trigger of LRCLK.
5.6.5
When active will issue a power device power down signal(EAPD) on clock loss detection
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
OCFG0
Selects the Output Configuration
1R/W
0
OCFG1
OCFG(1..0)
Output Configuration
00
2 Channel (Full-Bridge) Power, 1 Channel DDX:
1A/1B
→ 1A/1B w/ C1BO 0°
2A/2B
→ 2A/2B w/ C2BO 90/180°
3A/3B
→3A/3B w/ C3BO 45°
01
2(Half-Bridge).1(Full-Bridge) On-Board Power:
1A
→ 1A
Binary 0°
2A
→ 1B
Binary 90°
3A/3B
→ 2A/2B Binary 45°
1A
→ 3A
Binary 0°
2A
→ 3B
Binary 90°
10
2 Channel (Full-Bridge) Power, 2 Channel Data-Out:
1A/1B
→ 1A/1B Binary 0°
2A/2B
→ 2A/2B Binary 90°
1A
→ 3A
Binary 0°
2A
→ 3B
Binary 90°
11
1 Channel Mono-Parallel:
3A
→ 1A/1B
w/ C3BO 45°
3B
→ 2A/2B
w/ C3BO 45°
3A/3B
→ 3A/3B w/ C3BO 45°
Note
To the left of the arrow is the processing channel. Note that though the defaults are shown,
using channel output mapping, any of the three processing channel outputs can be used for
any of the three inputs
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
1
IDE
Invalid Input Detect Mute Enable: Setting of 1 enables the
automatic invalid input detect mute
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
1
BCLE
Binary Output Mode Clock Loss Detection Enable
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
1
LDTE
LRCLK Double Trigger Protection Enable
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
ECLE
Auto EAPD on Clock Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com